Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SOSQTP Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC18F1230-E/SOSQTP
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SOSQTP Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC18F1230-E/SOSQTP Datasheet HTML 12Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 13Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 14Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 15Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 16Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 17Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 18Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 19Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 312 page
background image
PIC18F1230/1330
DS39758B-page 14
Advance Information
© 2006 Microchip Technology Inc.
VSS
5
5
3
P
—
Ground reference for logic and I/O pins.
VDD
14
16
19
P
—
Positive supply for logic and I/O pins.
AVSS
5
6
5
P
—
Ground reference for A/D converter module.
AVDD
14
15
17
P
—
Positive supply for A/D converter module.
NC
—
—
2, 4, 6,
11, 14,
18, 22,
25
—
—
No Connect.
TABLE 1-2:
PIC18F1230/1330 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
PDIP,
SOIC
SSOP
QFN
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels
I
= Input
O
= Output
P
= Power
Note 1:
Placement of FLTA depends on the value of Configuration bit, FLTAMX, of CONFIG3H.
2:
Placement of T1OSI and T1OSO/T1CKI depends on the value of Configuration bit, T1OSCMX, of
CONFIG3H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com