Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SOSQTP Datasheet(PDF) 108 Page - Microchip Technology

Part # PIC18F1230-E/SOSQTP
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SOSQTP Datasheet(HTML) 108 Page - Microchip Technology

Back Button PIC18F1230-E/SOSQTP Datasheet HTML 104Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 105Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 106Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 107Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 108Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 109Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 110Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 111Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 312 page
background image
PIC18F1230/1330
DS39758B-page 106
Advance Information
© 2006 Microchip Technology Inc.
12.1
Timer1 Operation
Timer1 can operate in one of these modes:
•As a timer
• As a synchronous counter
• As an asynchronous counter
The operating mode is determined by the Clock Select
bit, TMR1CS (T1CON<1>).
When TMR1CS = 0, Timer1 increments every
instruction
cycle.
When
TMR1CS
=
1
,
Timer1
increments on every rising edge of the external clock
input or the Timer1 oscillator, if enabled.
When the Timer1 oscillator is enabled (T1OSCEN is
set), the T1OSI and T1OSO/T1CKI pins become
inputs. That is, the corresponding TRISA bit value is
ignored, and the pins are read as ‘0’.
FIGURE 12-1:
TIMER1 BLOCK DIAGRAM
FIGURE 12-2:
TIMER1 BLOCK DIAGRAM: 16-BIT READ/WRITE MODE
T1OSC
TMR1H
TMR1L
T1SYNC
TMR1CS
T1CKPS1:T1CKPS0
Peripheral Clocks
FOSC/4
Internal
Clock
TMR1ON
On/Off
Synchronize
det
1
0
0
1
Synchronized
Clock Input
2
TMR1IF
Overflow
TMR1
T1OSCEN
Enable
Oscillator(1)
Interrupt
Flag Bit
Note 1: When enable bit T1OSCEN is cleared, the inverter and feedback resistor are turned off. This eliminates power drain.
T1OSI
T1OSO/T1CKI
Prescaler
1, 2, 4, 8
Timer1
TMR1L
T1OSC
T1SYNC
TMR1CS
T1CKPS1:T1CKPS0
Peripheral Clocks
T1OSCEN
Enable
Oscillator(1)
TMR1IF
Overflow
Interrupt
FOSC/4
Internal
Clock
TMR1ON
On/Off
Prescaler
1, 2, 4, 8
Synchronize
det
1
0
0
1
Synchronized
Clock Input
2
T1OSO/T1CKI
T1OSI
TMR1
Flag bit
Note 1: When enable bit T1OSCEN is cleared, the inverter and feedback resistor are turned off. This eliminates power drain.
High Byte
Data Bus<7:0>
8
TMR1H
8
8
8
Read TMR1L
Write TMR1L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com