Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SOSQTP Datasheet(PDF) 189 Page - Microchip Technology

Part # PIC18F1230-E/SOSQTP
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SOSQTP Datasheet(HTML) 189 Page - Microchip Technology

Back Button PIC18F1230-E/SOSQTP Datasheet HTML 185Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 186Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 187Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 188Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 189Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 190Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 191Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 192Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 312 page
background image
PIC18F1230/1330
© 2006 Microchip Technology Inc.
Advance Information
DS39758B-page 187
REGISTER 19-4:
CONFIG3L: CONFIGURATION REGISTER 3 LOW (BYTE ADDRESS 300005h)
U-0
U-0
U-0
U-0
R/P-1
R/P-1
R/P-1
U-0
—
—
—
—HPOL(1)
LPOL(1)
PWMPIN
—
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
u = Unchanged from programmed state
bit 7-4
Unimplemented: Read as ‘0’
bit 3
HPOL: High Side Transistors Polarity bit (Odd PWM Output Polarity Control bit)(1)
1
= PWM1, PWM3 and PWM5 are active-high (default)
0
= PWM1, PWM3 and PWM5 are active-low
bit 2
LPOL: Low Side Transistors Polarity bit (Even PWM Output Polarity Control bit)(1)
1
= PWM0, PWM2 and PWM4 are active-high (default)
0
= PWM0, PWM2 and PWM4 are active-low
bit 2
PWMPIN: PWM Output Pins Reset State Control bit
1
= PWM outputs disabled upon Reset
0
= PWM outputs drive active states upon Reset(2)
bit 0
Unimplemented: Read as ‘0’
Note 1:
Polarity control bits, HPOL and LPOL, define PWM signal output active and inactive states, PWM states
generated by the Fault inputs or PWM manual override.
2:
When PWMPIN = 0, PWMEN<2:0> = 100. PWM output polarity is defined by HPOL and LPOL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com