Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMT-2817-R010-5W Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # SMT-2817-R010-5W
Description  iMOTION™ Modular Application Design Kit
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMT-2817-R010-5W Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button SMT-2817-R010-5W Datasheet HTML 21Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 22Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 23Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 24Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 25Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 26Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 27Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 28Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
User Manual
25 of 47
Revision 1.4
2020-07-16
EVAL-M3-IM564 User Manual
iMOTION™ Modular Application Design Kit
Hardware description of EVAL-M3-IM564
4.2.1
DC bus sensing and MCEWizard configuration
Pin 14 and pin 26 of connector J3 provide access to the DC-link voltage DCBsense. Three possible feedback
cases are associated with these pins. Figure 19 provides the DC bus sense resistor details. By default, the
resistor R21 is not mounted on EVAL-M3-IM564. A pull-down resistor must be mounted on the corresponding
controller board.
Figure 19 DC bus sense resistor on EVAL-M3-IM564 evaluation board
If a pull-down resistor of 13.3 kΩ referred to ground is inserted either on the EVAL-M3-IM564 evaluation board
or on the control board, the DCBSense voltage results in the range of 0 to 3.3 V on the pin reflecting a DC bus
voltage range of 0 to 420 V. If a pull-down resistor of 13.3 kΩ is inserted on both the EVAL-M3-IM564 evaluation
board and on the control card, the DCBSense results scale to 0-1.65 V. No safety issue occurs. If no feedback is
desired on the DCBSense pin, R6 or R14 should be removed to avoid high voltage on the connector.
The high-side resistors R6 and R14 for the DC bus sensing resistor divider on the controller board EVAL-M3-
IM564 are 2000 kΩ, and should be configured in MCEWizard as shown in Figure 20. For the low-side resistor
value, please refer to the User Manual of the corresponding control board (typical is 13.3 kΩ).
Figure 20 DC bus sensing configuration in MCEWizard
DCBsense
R14
1.00M, 1%
R6
1.00M, 1%
R21
DNI
DCBSense
DCBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com