Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMT-2817-R010-5W Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # SMT-2817-R010-5W
Description  iMOTION™ Modular Application Design Kit
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMT-2817-R010-5W Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button SMT-2817-R010-5W Datasheet HTML 8Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 9Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 10Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 11Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 12Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 13Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 14Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 15Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
User Manual
12 of 47
Revision 1.4
2020-07-16
EVAL-M3-IM564 User Manual
iMOTION™ Modular Application Design Kit
Main features of EVAL-M3-IM564
Pin
Name
Pin name connectors
20
VCC
15 V power supply
21
PFCG0
3.3 V compatible logic input for PFC gate driver IC
22
GND
Ground
23
PFCG1
Not used
24
+3.3 V
On board 3.3 V supply
25
PFCGK
PFC Gatekill signal – active low when PFC overcurrent is detected
26
DCBSense
DC bus positive voltage, scaled in 0-3.3 V range by a voltage divider
27
VAC+
AC voltage sensing positive cycle
28
VAC-
AC voltage sensing negative cycle
29
IPFC+
PFC current sensing positive
30
IPFC-
PFC current sensing negative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com