| Electronic Components Datasheet Search |
|
SMT-2817-R010-5W Datasheet(PDF) 20 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
SMT-2817-R010-5W Datasheet(HTML) 20 Page - Infineon Technologies AG |
|
20 / 47 page ![]() User Manual 20 of 47 Revision 1.4 2020-07-16 EVAL-M3-IM564 User Manual iMOTION™ Modular Application Design Kit Hardware description of EVAL-M3-IM564 4 Hardware description of EVAL-M3-IM564 To meet individual customer requirements and make the EVAL-M3-IM564 evaluation board a basis for development or modification, all necessary technical data like schematics, layout and components are included in this chapter. 4.1 Boost PFC section using CIPOS™ Mini IPM Figure 10 depicts the schematic from the AC input connector J1 to the rectified DC bus voltage DCBUS. This circuitry includes a passive EMI filter consisting of elements X2, Y2 capacitors and common mode inductor, a 25 A/1200 V rectifier bridge D1, a fuse F1 for circuit protection, a PTC resistor PTC1, and a relay RY1 for soft powering up and reducing conduction losses in steady state. The PFC section is implemented using the CIPOSTM Mini IPM as sketched in Figure 10. The IRS44273L is used to drive MOSFETs for the PFC section. Figure 10 Schematic for EMI filter and PFC section of the EVAL-M3-IM564 evaluation board The PFC section of CIPOS™ IPM IM564-X6D/IM564-X6DS contains a CoolMOS™ power MOSFET and a rapid- switching, emitter-controlled diode. Two electrolytic capacitors CE1 and CE2 are used for buffering the rectified DC bus voltage DCBUS. 4.1.1 AC voltage sensing and MCEWizard configuration AC voltage sensing is by default in front of the D1 rectifier bridge, as shown in Figure 10. To drive the boost PFC circuitry for EVAL-M3-IM564, the default matching MADK control board is EVAL-M3-102T. Figure 11 shows the VAC sensing schematic of the EVAL-M3-102T evaluation board. Figure 11 The AC voltage sensing schematic of EVAL-M3-102T VAC+ VAC- VAC1 VAC2 20 19 AC Voltage Sensing input1 AC Voltage Sensing input2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |