Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMT-2817-R010-5W Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # SMT-2817-R010-5W
Description  iMOTION™ Modular Application Design Kit
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMT-2817-R010-5W Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button SMT-2817-R010-5W Datasheet HTML 26Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 27Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 28Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 29Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 30Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 31Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 32Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 33Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
User Manual
30 of 47
Revision 1.4
2020-07-16
EVAL-M3-IM564 User Manual
iMOTION™ Modular Application Design Kit
Hardware description of EVAL-M3-IM564
4.3.2
Overtemperature hardware protection circuit
The VFO pin not only provides direct access to the NTC, but also indicates a module failure in case of under-
voltage at pin VDD or in case of triggered overcurrent detection at ITRIP. In these evaluation design kits EVAL-
M3-IM564 and EVAL-M3-102T, the VFO pin is directly connected to the gatekill pin for controller IC IMC102T.
But for the iMOTION™ 100 series control board, the maximum input low voltage of gatekill for IRMCF1xx is 0.8 V.
The NTC thermal resistor is about 3.0 kΩ at 120 °C. The resistors R44 and R45 for the power board EVAL-M3-
IM564 are chosen properly to make sure the voltage of VFO is 0.8 V at 120 °C. The gatekill will then “ask” the
microcontroller to stop generating PWM pulses if the temperature of NTC continues to rise.
Figure 27 Overtemperature protection circuit schematic for EVAL-M3-IM564 and EVAL-M3-102T
4.3.3
NTC shutdown value calculation and configuration
External NTC temperature shutdown value can be calculated as shown below and configured in MCEWizard as
shown in Figure 28. For pull-up resistors on the evaluation control board, please refer to the control board’s
User Manual. For example, for EVAL-M3-102T, the pull-up resistor on the control board is 4.87 kΩ. The value of
resistors R44 and R45 on EVAL-M3-IM564 are 9.1 kΩ and 10 kΩ (see Figure 27). The typical value of RNTC at 100 °C
is 5.388 kΩ for IPM IM564-X6D/IM564-X6DS, which is used in EVAL-M3-IM564.
=
@
×( + )
@
+( + )
@
×( + )
@
+( + )+ ×( + )
+( + )×
= × + ×
+
Equivalent circuit
VTH
VFO
Fan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com