Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMT-2817-R010-5W Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # SMT-2817-R010-5W
Description  iMOTION™ Modular Application Design Kit
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMT-2817-R010-5W Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button SMT-2817-R010-5W Datasheet HTML 39Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 40Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 41Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 42Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 43Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 44Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 45Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 46Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 47Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
User Manual
44 of 47
Revision 1.4
2020-07-16
EVAL-M3-IM564 User Manual
iMOTION™ Modular Application Design Kit
Bill of material
No. Qty Part description
Designator Part number
Manufacturer
T-SGND2,
T-U, T-V,
T-VCC, T-
VFO, T-
VTH, T-W,
T-ZCD
92 2
IC GP LV COMPARATOR SOT-23-5
U1, U8
LMV331IDBV
Texas Instruments
93 1
IC DRIVER LOW SIDE 1.5A SOT23-5
U2
IRS44273LTRPBF
Diodes Incorporated
94 1
IC REG LINEAR 3.3V 1A SOT223-4
U3
IFX1117MEV33HTMA
1
Infineon Technologies
95 1
IC CTLR QUASI-RES 12SOIC
U4
ICE5QR4770AGXUMA
1
Infineon Technologies
96 1
OPTOISOLATOR 5KV TRANSISTOR
4SMD
U5
FOD817BSD
ON Semiconductor
97 1
IC VREF SHUNT ADJ SOT23-3
U6
TL431BSA-7
Diodes Incorporated
98 3
IC OPAMP GP 1 CIRCUIT SOT23-5
U7, U9,
U11
OPA320AIDBVR
Texas Instruments
99 1
IC REG BUCK 5V 1.8A 8DSO-27
U10
IFX91041EJV50XUMA
1
Infineon Technologies
10
0
1
DIODE ZENER 22V 500MW SOD123
ZD1
BZT52C22-7-F
Diodes Incorporated
10
1
1
IFPS MODULES 24MDIP
M1
IM564-X6D/IM564-
X6DSXKMA1
Infineon Technologies
10
2
1
MOSFET N-CH 30V 2.7A SOT-23-3
Q1
IRLML2030TRPbF
Infineon Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com