Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMT-2817-R010-5W Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # SMT-2817-R010-5W
Description  iMOTION™ Modular Application Design Kit
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMT-2817-R010-5W Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button SMT-2817-R010-5W Datasheet HTML 22Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 23Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 24Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 25Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 26Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 27Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 28Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 29Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
User Manual
26 of 47
Revision 1.4
2020-07-16
EVAL-M3-IM564 User Manual
iMOTION™ Modular Application Design Kit
Hardware description of EVAL-M3-IM564
4.2.2
Motor external current feedback configuration and calculation
The current input value is a product of the shunt resistance in milliohms and gain of external current sense
amplifier for EVAL-M3-102T, as shown in Figure 21.
Figure 21 Current shunt feedback and sample timing for EVAL-M3-102T
The external amplifier gain circuit can be found in the schematics or user manual for the control board (for
example, EVAL-M3-102T see Figure 22).
Figure 22 depicts IU+ current feedback sensing circuity on the EVAL-M3-102T evaluation board. Please note that
the default external gain is 5/6 for the EVAL-M3-102T control board. However, since the EVAL-M3-IM564 power
board has been configured with an external op-amp with a gain of 10, the following modifications to the circuit
of the EVAL-M3-102T control board are recommended for more accurate gain calculations.The resistor R10 on
the EVAL-M3-102T needs to be removed and R13 needs to be change to 0 ohm.
Figure 22 The part of current feedback on the EVAL-M3-102T evaluation board
R12
100ohm 1/10W 1%
R13
2Kohm 1/10W 1%
R10
10Kohm 1/10W 1%
C21
220pF
+3.3V
IU+
Rsh
Ish
iMOTION
Controller
IU
18
V1
V2
Current shunt resistor
on power board
R13 change to 0 ohm
Delete R10
EVAL-M3-IM564
EVAL-M3-102T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com