Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMT-2817-R010-5W Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # SMT-2817-R010-5W
Description  iMOTION™ Modular Application Design Kit
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMT-2817-R010-5W Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button SMT-2817-R010-5W Datasheet HTML 32Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 33Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 34Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 35Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 36Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 37Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 38Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 39Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
User Manual
36 of 47
Revision 1.4
2020-07-16
EVAL-M3-IM564 User Manual
iMOTION™ Modular Application Design Kit
Hardware description of EVAL-M3-IM564
4.7
PCB layout for EVAL-M3- IM564
The layout of this board can be used for different voltage or power classes. By default, the PCB has two
electrical layers with 35 µm copper, and dimensions of 148 mm × 165 mm. The PCB board thickness is 1.6 mm.
You can contact our technical support team for more detailed information and the latest Gerber files.
Figure 36 illustrates the top assembly print of the evaluation board.
Figure 36 Top assembly print of the EVAL-M3-IM564 evaluation board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com