Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F024XU Datasheet(PDF) 18 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 18 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 14Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 15Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 16Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 17Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 18Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 19Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 20Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 21Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 22Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
18
7.4
7.4
7.4
7.4 SSP
SSP
SSP
SSP Function
Function
Function
Function
The SH79F082 provides SSP (Self Sector Programming) function, each sector can be sector erased (except the last sector,
sector 7) or programmed by the user’s code if the selected sector is not be protected. But once sector has been
programmed, it cannot be reprogrammed before sector erase.
The SH79F082 builds in a complex control flow to prevent the code from carelessly modification. If the dedicated conditions
are not met (IB_CON2-5), the SSP will be terminated.
7.4.1
7.4.1
7.4.1
7.4.1 SSP
SSP
SSP
SSP R
R
R
Register
egister
egister
egister
Table
Table
Table
Table 7
7
7
7....4
4
4
4 Offset Register for Programming
Table
Table
Table
Table 7
7
7
7....5
5
5
5 Offset of Flash Memory for Programming
Table
Table
Table
Table 7
7
7
7....6
6
6
6 Data Register for Programming
F7H
F7H
F7H
F7H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
XPAGE
XPAGE
XPAGE
XPAGE
XPAGE.7
XPAGE.6
XPAGE.5
XPAGE.4
XPAGE.3
XPAGE.2
XPAGE.1
XPAGE.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
0
0
0
0
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
7-
7-
7-
7-2
2
2
2
XPAGE[7
XPAGE[7
XPAGE[7
XPAGE[7:2
:2
:2
:2]]]]
Sector of the flash memory to be programmed, 000000---means sector 0, and so on
1
1
1
1-0
-0
-0
-0
XPAGE[
XPAGE[
XPAGE[
XPAGE[1:
1:
1:
1:0]
0]
0]
0]
High Address of Offset of the flash memory sector to be programmed
FBH
FBH
FBH
FBH
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
IB_OFFSET
IB_OFFSET
IB_OFFSET
IB_OFFSET
IB_OFF
SET.7
IB_OFF
SET.6
IB_OFF
SET.5
IB_OFF
SET.4
IB_OFF
SET.3
IB_OFF
SET.2
IB_OFF
SET.1
IB_OFF
SET.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR/PIN
POR/WDT/LVR/PIN
POR/WDT/LVR/PIN
POR/WDT/LVR/PIN))))
0
0
0
0
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
7-0
7-0
7-0
7-0
IB_OFFSET[7
IB_OFFSET[7
IB_OFFSET[7
IB_OFFSET[7::::0]
0]
0]
0] Low Address of Offset of the flash memory sector to be programmed
FCH
FCH
FCH
FCH
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
IB_DATA
IB_DATA
IB_DATA
IB_DATA
IB_DATA.7 IB_DATA.6 IB_DATA.5 IB_DATA.4 IB_DATA.3 IB_DATA.2 IB_DATA.1 IB_DATA.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR/PIN
POR/WDT/LVR/PIN
POR/WDT/LVR/PIN
POR/WDT/LVR/PIN))))
0
0
0
0
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
7-0
7-0
7-0
7-0
IB_DATA[7:0]
IB_DATA[7:0]
IB_DATA[7:0]
IB_DATA[7:0]
Data to be programmed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com