Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F024XU Datasheet(PDF) 55 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 55 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 51Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 52Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 53Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 54Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 55Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 56Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 57Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 58Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 59Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
55
Table
Table
Table
Table 8
8
8
8....12
12
12
12 PWM Dead Time0 Control Register0
Table
Table
Table
Table 8
8
8
8....13
13
13
13 PWM Dead Time0 Control Register1
Table
Table
Table
Table 8
8
8
8....14
14
14
14 PWM Dead Time1 Control Register0
Table
Table
Table
Table 8
8
8
8....15
15
15
15 PWM Dead Time1 Control Register1
D4
D4
D4
D4H
H
H
H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
PWMDT0L
PWMDT0L
PWMDT0L
PWMDT0L
DT0.7
DT0.6
DT0.5
DT0.4
DT0.3
DT0.2
DT0.1
DT0.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
0
0
0
0
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
7-0
7-0
7-0
7-0
DT0[7
DT0[7
DT0[7
DT0[7::::0
0
0
0]]]]
PWM dead time0 control 0
D5
D5
D5
D5H
H
H
H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
PWMDT0H
PWMDT0H
PWMDT0H
PWMDT0H
-
-
-
-
DT0.11
DT0.10
DT0.9
DT0.8
R/W
R/W
R/W
R/W
-
-
-
-
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
-
-
-
-
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
3-0
3-0
3-0
3-0
DT0[
DT0[
DT0[
DT0[11:8]
11:8]
11:8]
11:8]
PWM dead time control 1
D6
D6
D6
D6H
H
H
H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
PWMDT1L
PWMDT1L
PWMDT1L
PWMDT1L
DT1.7
DT1.6
DT1.5
DT1.4
DT1.3
DT1.2
DT1.1
DT1.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
0
0
0
0
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
7-0
7-0
7-0
7-0
DT
DT
DT
DT1[
1[
1[
1[7
7
7
7::::0
0
0
0]]]]
PWM dead time control 0
D7
D7
D7
D7H
H
H
H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
PWMDT1H
PWMDT1H
PWMDT1H
PWMDT1H
-
-
-
-
DT1.11
DT1.10
DT1.9
DT1.8
R/W
R/W
R/W
R/W
-
-
-
-
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
-
-
-
-
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
3-0
3-0
3-0
3-0
DT1[
DT1[
DT1[
DT1[11:8]
11:8]
11:8]
11:8]
PWM dead time control 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com