Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F024XU Datasheet(PDF) 62 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 62 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 58Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 59Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 60Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 61Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 62Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 63Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 64Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 65Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 66Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
62
8.2.3
8.2.3
8.2.3
8.2.3 Baud
Baud
Baud
Baud R
R
R
Rate
ate
ate
ate Generate
Generate
Generate
Generate
In Mode 0, the baud rate is programmable to either 1/12 or 1/4 of the system frequency. This baud rate is determined by SM2
bit. When set to 0, the serial port runs at 1/12 of the system clock. When set to 1, the serial port runs at 1/4 of the system
clock.
In Mode 1 & Mode 3, the baud rate can be selected from Timer 1 overflow rate.
The Mode 1 & 3 baud rate equations are shown below, where TH1 is the 8-bit reload register for Timer 1, SMOD is the
EUART baud rate doubler (PCON.7), T1CLK is the clock source of Timer 1.
, Baud Rate using Timer 1, Mode 2
TH1
256
T1
f
32
SMOD
2
BaudRate
−
×
=
In Mode 2, the baud rate is programmable to either 1/32 or 1/64 of the system clock. This baud rate is determined by the
SMOD bit (PCON.7). When this bit is set to 0, the serial port runs at 1/64 of the clock. When set to 1, the serial port runs at
1/32 of the clock.
)
64
SYS
f
(
SMOD
2
BaudRate
×
=
8.2.4
8.2.4
8.2.4
8.2.4 M
M
M
Multi
ulti
ulti
ulti----P
P
P
Processor
rocessor
rocessor
rocessor C
C
C
Communication
ommunication
ommunication
ommunication
Software
Software
Software
Software Address
Address
Address
Address Recognition
Recognition
Recognition
Recognition
Modes 2 and 3 of the EUART have a special provision for multi-processor communication. In these modes, 9 data bits are
received. The 9th bit goes into RB8. Then a stop bit follows. The EUART can be programmed such that when the stop bit is
received, the EUART interrupt will be activated (i.e. the request flag RI is set) only if RB8 = 1. This feature is enabled by
setting the bit SM2 in SCON.
A way to use this feature in multiprocessor communications is as follows. lf the master processor wants to transmit a block of
data to one of the several slaves, it first sends out an address byte which identifies the target slave. An address byte differs
from a data byte in that the 9th bit is 1 in an address byte and 0 in a data byte.
With SM2 = 1, no other slave will be interrupted by a data byte. An address byte, however, will interrupt all slaves, so that
each slave can examine the received byte and see if it is being addressed. The addressed slave will clear its SM2 bit and
prepare to receive the data bytes that will be coming. After having received a complete message, the slave sets SM2 again.
The slaves that were not addressed leave their SM2 set and go on with their business, ignoring the incoming data bytes.
Note:
Note:
Note:
Note: In mode 0, SM2 is used to select baud rate doubling. In mode 1, SM2 can be used to check the validity of the stop bit.
If SM2 = 1 in mode 1, the receive interrupt will not be activated unless a valid stop bit is received.
Automatic
Automatic
Automatic
Automatic (Hardware)
(Hardware)
(Hardware)
(Hardware) A
A
A
Address
ddress
ddress
ddress R
R
R
Recognition
ecognition
ecognition
ecognition
In Mode 2 & 3, setting the SM2 bit will configure EUART act as following: when a stop bit is received, EUART will generate
an interrupt only if the 9th bit that goes into RB8 is logic 1 (address byte) and the received data byte matches the EUART
slave address. Following the received address interrupt, the slave should clear its SM2 bit to enable interrupts on the
reception of the following data byte(s).
The 9-bit mode requires that the 9th information bit is a 1 to indicate that the received information is an address and not data.
When the master processor wants to transmit a block of data to one of the slaves, it first sends out the address of the
targeted slave (or slaves). All the slave processors should have their SM2 bit set high when waiting for an address byte,
which ensures that they will be interrupted only by the reception of an address byte. The Automatic address recognition
feature further ensures that only the addressed slave will be interrupted. The address comparison is done by hardware not
software.
After being interrupted, the addressed slave clears the SM2 bit to receive data bytes. The un-addressed slaves will be
unaffected, as they will be still waiting for their address. Once the entire message is received, the addressed slave should set
its SM2 bit to ignore all transmissions until it receives the next address byte.
The Automatic Address Recognition feature allows a master to selectively communicate with one or more slaves by invoking
the Given Address. All of the slaves may be contacted by using the Broadcast address. Two special Function Registers are
used to define the slave’s address, SADDR, and the address mask, SADEN. The slave address is an 8-bit value specified in
the SADDR register. The SADEN register is actually a mask for the byte value in SADDR. If a bit position in SADEN is 0,
then the corresponding bit position in SADDR is don’t care. Only those bit positions in SADDR whose corresponding bits in
SADEN are 1 are used to obtain the Given Address. This gives the user flexibility to address multiple slaves without changing
the slave address in SADDR. Use of the Given Address allows multiple slaves to be recognized while excluding others.
Slave
Slave
Slave
Slave 1
1
1
1
Slave
Slave
Slave
Slave 2
2
2
2
SADDR
10100100
10100111
SADEN (0 mask)
11111010
11111001
Given Address
10100x0x
10100xx1
Broadcast Address (OR)
1111111x
11111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com