Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F024XU Datasheet(PDF) 71 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 71 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 67Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 68Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 69Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 70Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 71Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 72Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 73Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 74Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 75Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
71
+
-
OPOUT
+
-
Debounce
FLTSEL
Currentsample
P1.1/OPP
P0.0/OPOUT
P1.0/OPN
P0.1/CMP
KT
1K
20K
1.8K
10K
101
VDD
VDD
CMPOUT
FLT /P 2. 6
FAULT
Detect
The
The
The
The Block
Block
Block
Block Diagram
Diagram
Diagram
Diagram of
of
of
of OP
OP
OP
OP &
&
&
& CMP
CMP
CMP
CMP
Note:
Note:
Note:
Note:
1. FAULT detect function reference to PWM module.
2. OPOUT output can directly send to ADC channel by set ADC SCH[2:0] = 111B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com