Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F024XU Datasheet(PDF) 75 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 75 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 71Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 72Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 73Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 74Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 75Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 76Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 77Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 78Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 79Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
75
8.7.2
8.7.2
8.7.2
8.7.2 Register
Register
Register
Register
Table
Table
Table
Table 8
8
8
8....26
26
26
26 Reset Control Register
B1H
B1H
B1H
B1H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
RSTSTAT
RSTSTAT
RSTSTAT
RSTSTAT
WDOF
-
PORF
LVRF
CLRF
WDT.2
WDT.1
WDT.0
R/W
R/W
R/W
R/W
R/W
-
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value ((((POR
POR
POR
POR))))
0
-
1
0
0
0
0
0
Reset
Reset
Reset
Reset Value
Value
Value
Value ((((WDT
WDT
WDT
WDT))))
1
-
u
u
u
0
0
0
Reset
Reset
Reset
Reset Value
Value
Value
Value ((((LVR
LVR
LVR
LVR))))
u
-
u
1
u
0
0
0
Reset
Reset
Reset
Reset Value
Value
Value
Value ((((PIN
PIN
PIN
PIN))))
u
-
u
u
1
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
7
7
7
7
WDOF
WDOF
WDOF
WDOF
W
W
W
Watch
atch
atch
atch D
D
D
Dog
og
og
og T
T
T
Timer
imer
imer
imer Overflow
Overflow
Overflow
Overflow or
or
or
or OVL
OVL
OVL
OVL Reset
Reset
Reset
Reset Flag
Flag
Flag
Flag
Set by hardware when WDT overflow or OVL reset happened, cleared by
software or Power On Reset
0: Watch Dog not overflows and no OVL reset generated
1: Watch Dog overflow or OVL reset occurred
5
5
5
5
PORF
PORF
PORF
PORF
Power
Power
Power
Power On
On
On
On Reset
Reset
Reset
Reset Flag
Flag
Flag
Flag
Set only by Power On Reset, cleared only by software
0: No Power On Reset.
1: Power On Reset occurred.
4
4
4
4
LVRF
LVRF
LVRF
LVRF
L
L
L
Low
ow
ow
ow V
V
V
Voltage
oltage
oltage
oltage Reset
Reset
Reset
Reset Flag
Flag
Flag
Flag
Set only by Low Voltage Reset, cleared by software or Power On Reset
0: No Low Voltage Reset occurs
1: Low Voltage Reset occurred
3
3
3
3
CLRF
CLRF
CLRF
CLRF
Pin
Pin
Pin
Pin Reset
Reset
Reset
Reset Flag
Flag
Flag
Flag
Set only by pin reset, cleared by software or Power On Reset
0: No Pin Reset occurs
1: Pin Reset occurred
2-0
2-0
2-0
2-0
WDT[2:0]
WDT[2:0]
WDT[2:0]
WDT[2:0]
WDT
WDT
WDT
WDT Overflow
Overflow
Overflow
Overflow period
period
period
period control
control
control
control bit
bit
bit
bit
000: Overflow period minimal value= 4096ms
001: Overflow period minimal value= 1024ms
010: Overflow period minimal value = 256ms
011: Overflow period minimal value = 128ms
100: Overflow period minimal value = 64ms
101: Overflow period minimal value = 16ms
110: Overflow period minimal value = 4ms
111: Overflow period minimal value = 1ms
Notes:
Notes:
Notes:
Notes: If WDT_opt is enable in application, you must clear WatchDog
periodically, and the interval must be less than the value list above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com