Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F1616P/032PR Datasheet(PDF) 37 Page - SINOWEALTH Electronic Ltd

Part # SH79F1616P/032PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F1616P/032PR Datasheet(HTML) 37 Page - SINOWEALTH Electronic Ltd

Back Button SH79F1616P/032PR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 41Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 102 page
background image
SH79F1616
37
Registers
Table 7.28 Timer3 Control Register
88H, Bank1
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
T3CON
TF3
-
T3PS.1
T3PS.0
-
TR3
T3CLKS.1 T3CLKS.0
R/W
R/W
-
R/W
R/W
-
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
-
0
0
-
0
0
0
Bit Number
Bit Mnemonic
Description
7
TF3
Timer3 overflow flag bit
0: No overflow (cleared by hardware)
1: Overflow (Set by hardware)
5-4
T3PS[1:0]
Timer3 input clock Prescaler Select bits
00: 1/1
01: 1/8
10: 1/64
11: 1/256
2
TR3
Timer3 start/stop control bit
0: Stop Timer3
1: Start Timer3
1-0
T3CLKS[1:0]
Timer3 Clock Source select bits
00: System clock, T3 pin is used as I/O port
01: External clock from pin T3, auto pull-up
10:
reserve
11: reserved
Note: T3CLK[1:0] can only select 00 and 01.
Table 7.29 Timer3 Reload/Counter Data Registers
8CH-8DH, Bank1
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TL3
TL3.7
TL3.6
TL3.5
TL3.4
TL3.3
TL3.2
TL3.1
TL3.0
TH3
TH3.7
TH3.6
TH3.5
TH3.4
TH3.3
TH3.2
TH3.1
TH3.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
TL3.x
Timer3 Low & High byte counter, x = 0 - 7
TH3.x
Table 7.30 Timer3 Reload/Count Data Register
89H, Bank1
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SWTHL
-
-
-
-
-
-
T5HLCON T3HLCON
R/W
-
-
-
-
-
-
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
-
-
-
-
-
-
0
0
Bit Number
Bit Mnemonic
Description
0
T3HLCON
0: when read TH3, TL3, return T3 count data
1: when read TH3, TL3, return T3 reload register data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com