Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F1616P/032PR Datasheet(PDF) 49 Page - SINOWEALTH Electronic Ltd

Part # SH79F1616P/032PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F1616P/032PR Datasheet(HTML) 49 Page - SINOWEALTH Electronic Ltd

Back Button SH79F1616P/032PR Datasheet HTML 45Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 46Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 47Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 48Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 49Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 50Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 51Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 52Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 53Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 102 page
background image
SH79F1616
49
7.9.9 External Interrupt Inputs
The SH79F1616 has 3 external interrupt inputs. External interrupt 2-3 each has one vector address. External interrupt 4 has 4
inputs; all of them share one vector address. In this mode, a cycle INTx (x = 2, 3) pin continuous sampling is high while the next
cycle is low, the interrupt request flag, an interrupt request. Since the external interrupt pin every machine cycle sampling time,
input high or low should be kept for at least one machine cycle to ensure proper sampling.
If the external interrupt triggered low external interrupt source must hold the request active until the requested interrupt far, this
process requires two system clock cycles. If the interrupt service is completed, the external interrupt still maintain, an interrupt
will be generated. Should not be removed when the interrupt is level-triggered interrupt flag IEx (x = 2, 3), interrupted only
related to the level of the input port.
When SH79F1616 entering idle or power-down mode, the interrupt will wake up the processor to continue to work, see the
Power Management chapter.
Note: External interrupt 2-3 in the execution of an interrupt service routine interrupt flag is automatically cleared by hardware,
but the external interrupt flag IF40-43 must be cleared by software.
1 Machine Cyle
>1 Machine Cycle
High-Level Threshold
Low-Level Threshold
Low-Level Threshold
>2 Machine Cycle
7.9.10 Interrupt Summary
Source
Vector
Address
Enable bits
Flag bits
Polling Priority
Interrupt number
(c language)
Reset
0000H
-
-
0 (highest)
-
Timer5
000BH
ET5
TF5
1
1
EUART
0023H
ES
RI+TI
2
4
Timer2
002BH
ET2
TF2
3
5
ADC
0033H
EADC
ADCIF
4
6
INT2
0043H
EX2
IE2
5
8
INT3
004BH
EX3
IE3
6
9
INT4
0053H
EX4+IENC
IF43-40
7
10
Timer3
005BH
ET3
TF3
8
11
PWM
0063H
EPWM
PWMIF
9
12
Timer4
006BH
ET4
TF4
10
13
SCM/LPD
0073H
ESCM+ESCM1/ELPD
SCMIF/LPDF
11 (lowest)
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com