Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F1616P/032PR Datasheet(PDF) 96 Page - SINOWEALTH Electronic Ltd

Part # SH79F1616P/032PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F1616P/032PR Datasheet(HTML) 96 Page - SINOWEALTH Electronic Ltd

Back Button SH79F1616P/032PR Datasheet HTML 92Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 93Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 94Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 95Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 96Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 97Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 98Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 99Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 100Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 102 page
background image
SH79F1616
96
(continue)
Parameter
Symbol
Min.
Typ.
∗
Max.
Unit
Condition
Output High Voltage1
VOH1
VDD - 0.7
-
-
V
I/O port (P3), IOH = -10mA, VDD = 5.0V
Output High Voltage2
VOH2
VDD - 0.7
-
-
V
I/O ports (P0, P1, P2, P4, P5),
IOH = -10mA, VDD = 5.0V, OP_PORTDRIVE select
normal mode (Code Option)
Output High Voltage3
VOH3
VDD - 0.7
-
-
V
I/O ports (P0, P1, P2, P4, P5),
IOH = -20mA, VDD = 5.0V, OP_PORTDRIVE select
large mode (Code Option)
Output Low Voltage1
VOL1
-
-
GND + 0.6
V
I/O Ports, (P0, P1, P2, P4, P5)
IOH = -10mA, VDD = 5.0V
Output Low Voltage2
VOL2
-
-
GND + 0.6
V
I/O ports (P3), IOH = 15mA, VDD = 5.0V
OP_P3.3-P3.0 and OP_P3.7-P3.4 both select
normal mode (Code Option)
large drive port sink
current capability
IOL
120
140
-
mA
I/O port (P3), VDD = 5.0V, VOL = GND + 1.5V
OP_P3.3-P3.0 and OP_P3.7-P3.4 both select
large mode (Code Option)
Note:
(1) “*” Indicates that the typical value is measured at 5.0V, 25°C, unless otherwise noted.
(2) maximum current value flowing through VDD 5.0V, 25°C must be less than 150mA.
(3) maximum current value flowing through GND 5.0V, 25°C must be less than 200mA.
A/D Converter Electrical Characteristics (VDD = 3V, GND = 0V, TA = 25°C, Unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Supply Voltage
VAD
2.5
3
3.5
V
Resolution
NR
-
10
-
bit
GND
≤ V
AIN ≤ VREF
A/D Input Voltage
VAIN
GND
-
VREF
V
A/D Input Resistor*
RAIN
2
-
-
M
Ω
VIN = 3.0V
Recommended
impedance of analog
voltage source
ZAIN
-
-
10
k
Ω
A/D conversion current
IAD
-
1
3
mA
ADC module operating, VDD = 3.0V
A/D Input current
IADIN
-
-
10
µA
VDD = 3.0V
Differential linearity error
DLE
-
-
±1
LSB
fOSC = 12MHz, VDD = 3.0V
Integral linearity error
ILE
-
-
±2
LSB
fOSC = 12MHz, VDD = 3.0V
Full scale error
EF
-
±1
±3
LSB
fOSC = 12MHz, VDD = 3.0V
Offset error
EZ
-
±0.5
±3
LSB
fOSC = 12MHz, VDD = 3.0V
Total Absolute error
EAD
-
-
±3
LSB
fOSC = 12MHz, VDD = 3.0V
Total Conversion time**
TCON
14
-
-
tAD
10 bit Resolution, VDD = 3.0V, tAD = 1µs
Note:
(1) “*” Here the A/D input Resistor is the DC input-resistance of A/D itself.
(2) “**” Recommendations ADC connected signal source resistance of less than10k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com