Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F1616P/032PR Datasheet(PDF) 80 Page - SINOWEALTH Electronic Ltd

Part # SH79F1616P/032PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F1616P/032PR Datasheet(HTML) 80 Page - SINOWEALTH Electronic Ltd

Back Button SH79F1616P/032PR Datasheet HTML 76Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 77Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 78Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 79Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 80Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 81Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 82Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 83Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 84Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 102 page
background image
SH79F1616
80
8.6 Buzzer
8.6.1 Feature
 Output a signal (square wave) used for tones such as a confirmation tone
 Selectable whether to output one of 8 output frequencies or to disable the output
8.6.2 Register
Table 8.30 Buzzer Output Control Register
BDH, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
BUZCON
-
-
-
-
BCA2
BCA1
BCA0
BZEN
R/W
-
-
-
-
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
-
-
-
-
0
0
0
0
Bit Number
Bit Mnemonic
Description
3-1
BCA[3:1]
Buzzer output carrier frequency control bits
000: system clock/8192
001: system clock/4096
010: system clock/2048
011: system clock/1024
100: system clock/512
101:system clock/32
110: system clock/16
111: system clock/8
0
BZEN
Enable buzzer output control bit
0: P5.3 is I/O port
1: P5.3 is buzzer output port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com