Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F1616P/032PR Datasheet(PDF) 65 Page - SINOWEALTH Electronic Ltd

Part # SH79F1616P/032PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F1616P/032PR Datasheet(HTML) 65 Page - SINOWEALTH Electronic Ltd

Back Button SH79F1616P/032PR Datasheet HTML 61Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 62Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 63Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 64Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 65Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 66Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 67Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 68Page - SINOWEALTH Electronic Ltd SH79F1616P/032PR Datasheet HTML 69Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 102 page
background image
SH79F1616
65
8.3.6 Dead Time
The SH79F1616 provides dead time control function on-chip.
When PWM0S = 0, the dead time is generated as below.
dead time
dead time
PWM0
PWM01
PWM0S=0
duty cycle
dead time
period
Reload
PWM Enable
PWM int
Reload
PWM int
When PWM0S = 1, the dead time is generated as below.
dead time
dead time
PWM0
PWM01
PWM0S=1
duty cycle
dead time
period
Reload
PWM Enable
PWM int
Reload
PWM int
By writing PWM01 dead time control registers, a dead time can be generated between PWM0 and PWM01.
PWM01 have the same period as PWM0.
Note:
(1) Dead time0 must be set before PWM outputs enabled. Otherwise, dead time will not change. So in order to change dead
time, please disable PWM outputs first (while PWMLO is #55h), then change the dead time, enable PWM. Finally, change
the data in PWMLO not equal to #55h in order to make sure the PWM registers would not be changed by noise.
(2) In order to generate dead time, please make sure that (PWM0 Period - PWM0 Duty) > 2* PWM01 dead time control.
Otherwise the output of PWM01 is high level when PWMS = 1 or GND when PWMS = 0.
(3) PWMDT is to used to control Dead Time, the step value is fixed oscillator clock time, but period and duty step value is refer
to TnCK0[1:0]. 2 oscillator clocks at least.
(4) If dead time is needed, any time when PWM is disabled, before enable PWM again, dead time register must be clear to 0 at
first, and then set to proper value.
Table 8.20 PWM0 Dead Time Control Register
D1H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PWM0DT
DT0.7
DT0.6
DT0.5
DT0.4
DT0.3
DT0.2
DT0.1
DT0.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
DT0[7:0]
12-bit PWM0 dead time control
the dead time period = (DT0.7-DT0.0) X tOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com