Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F166AF/044FR Datasheet(PDF) 101 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AF/044FR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AF/044FR Datasheet(HTML) 101 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AF/044FR Datasheet HTML 97Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 98Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 99Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 100Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 101Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 102Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 103Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 104Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 105Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 113 page
background image
SH79F166A
101
DATA TRANSFERS
Opcode
Description
Code
Byte
Cycle
MOV A, Rn
Move register to accumulator
0xE8-0xEF
1
1
MOV A, direct
Move direct byte to accumulator
0xE5
2
2
MOV A, @Ri
Move indirect RAM to accumulator
0xE6-0xE7
1
2
MOV A, #data
Move immediate data to accumulator
0x74
2
2
MOV Rn, A
Move accumulator to register
0xF8-0xFF
1
2
MOV Rn, direct
Move direct byte to register
0xA8-0xAF
2
3
MOV Rn, #data
Move immediate data to register
0x78-0x7F
2
2
MOV direct, A
Move accumulator to direct byte
0xF5
2
2
MOV direct, Rn
Move register to direct byte
0x88-0x8F
2
2
MOV direct1, direct2
Move direct byte to direct byte
0x85
3
3
MOV direct, @Ri
Move indirect RAM to direct byte
0x86-0x87
2
3
MOV direct, #data
Move immediate data to direct byte
0x75
3
3
MOV @Ri, A
Move accumulator to indirect RAM
0xF6-0xF7
1
2
MOV @Ri, direct
Move direct byte to indirect RAM
0xA6-0xA7
2
3
MOV @Ri, #data
Move immediate data to indirect RAM
0x76-0x77
2
2
MOV DPTR, #data16
Load data pointer with a 16-bit constant
0x90
3
3
MOVC A, @A+DPTR
Move code byte relative to DPTR to A
0x93
1
7
MOVC A, @A+PC
Move code byte relative to PC to A
0x83
1
8
MOVX A, @Ri
Move external RAM (8-bit address) to A
0xE2-0xE3
1
5
MOVX A, @DPTR
Move external RAM (16-bit address) to A
0xE0
1
6
MOVX @Ri, A
Move A to external RAM (8-bit address)
0xF2-F3
1
4
MOVX @DPTR, A
Move A to external RAM (16-bit address)
0xF0
1
5
PUSH direct
Push direct byte onto stack
0xC0
2
5
POP direct
Pop direct byte from stack
0xD0
2
4
XCH A, Rn
Exchange register with accumulator
0xC8-0xCF
1
3
XCH A, direct
Exchange direct byte with accumulator
0xC5
2
4
XCH A, @Ri
Exchange indirect RAM with accumulator
0xC6-0xC7
1
4
XCHD A, @Ri
Exchange low-order nibble indirect RAM with A
0xD6-0xD7
1
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com