Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F166AF/044FR Datasheet(PDF) 104 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AF/044FR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AF/044FR Datasheet(HTML) 104 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AF/044FR Datasheet HTML 100Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 101Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 102Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 103Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 104Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 105Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 106Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 107Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 108Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 113 page
background image
SH79F166A
104
10. Electrical Characteristics
Absolute Maximum Ratings*
DC Supply Voltage. . . . . . . . . . . . . . . . . . . .-0.3V to +6.0V
Input/Output Voltage. . . . . . . . . . . GND-0.3V to VDD+0.3V
Operating Ambient Temperature. . . . . . . . . -40°C to +85°C
Storage Temperature . . . . . . . . . .. . . . . . .-55°C to +125°C
FLASH write/erase operating. . . . . . . . . . . . . 0°C to +85°C
*Comments
Stresses exceed those listed under “Absolute Maximum
Ratings” may cause permanent damage to this device.
These are stress ratings only. Functional operation of this
device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied or intended. Exposure to the absolute maximum
rating conditions for extended periods may affect device
reliability.
DC Electrical Characteristics (VDD = 2.0V - 5.5V, GND = 0V, TA = +25°C, unless otherwise specified)
Parameter
Symbol
Min.
Typ.
∗
Max.
Unit
Condition
Operating Voltage
VDD
2.0
5.0
5.5
V
32.768kHz or 2MHz
≤ f
OSC ≤ 12MHz
Operating Current
IOP
-
5
10
mA
fOSC = 12MHz, VDD = 5.0V
All output pins unload (including all digital input
pins
unfloating)
CPU
on
(execute
NOP
instruction), WDT on, all other function block off
IOP2
-
25
35
µA
fOSC = 32.768kHz, OSCX off, VDD = 5.0V
All output pins unload (including all digital input
pins
unfloating)
CPU
on
(execute
NOP
instruction), LVR off, all other function block off
Stand by Current
(IDLE)
ISB1
-
3
5
mA
fOSC = 12MHz, VDD = 5.0V
All output pins unload(including all digital input
pins unfloating), CPU off (IDLE), LVR off, LCD
off, all other function block off
ISB2
-
15
20
µA
fOSC = 32.768kHz, OSCX off ,VDD = 5.0V
All output pins unload (including all digital input
pins unfloating) CPU off (IDLE), LVR off, LCD
off, all other function block off
Stand by Current
(Power-Down)
ISB3
-
2
10
µA
Osc off, VDD = 5.0V
All output pins unload(including all digital input
pins unfloating), CPU off (Power-Down), LVR off,
LCD off, WDT off, all other function block off
ISB4
-
4
15
µA
fOSC = 32.768kHz, OSCX off, VDD = 5.0V
All output pins unload(including all digital input
pins unfloating), CPU off (Power-Down), LVR off,
LCD off, WDT off, all other function block off
WDT Current
IWDT
-
1
3
µA
All output pins unload, WDT on, VDD = 5.0V
LCD Current
ILCD
-
6
7
µA
traditional bias resistance mode, VDD = 5.0V
300k
Ω LCD bias resistance, contrast[3:0] = 1111
LPD Current
ILPD
-
-
1
µA
VDD = 2.0 - 5.5V
Input Low Voltage 1
VIL1
GND
-
0.3 X VDD
V
I/O Ports
Input High Voltage 1
VIH1
0.7 X VDD
-
VDD
V
I/O Ports
(to be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com