Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSOX Datasheet(PDF) 100 Page - STMicroelectronics

Part # LSM6DSOX
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOX Datasheet(HTML) 100 Page - STMicroelectronics

Back Button LSM6DSOX Datasheet HTML 96Page - STMicroelectronics LSM6DSOX Datasheet HTML 97Page - STMicroelectronics LSM6DSOX Datasheet HTML 98Page - STMicroelectronics LSM6DSOX Datasheet HTML 99Page - STMicroelectronics LSM6DSOX Datasheet HTML 100Page - STMicroelectronics LSM6DSOX Datasheet HTML 101Page - STMicroelectronics LSM6DSOX Datasheet HTML 102Page - STMicroelectronics LSM6DSOX Datasheet HTML 103Page - STMicroelectronics LSM6DSOX Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 199 page
background image
11
SPI2 register description
11.1
SPI2_WHO_AM_I (0Fh)
WHO_AM_I register (r). This is a read-only register. Its value is fixed at 6Ch.
Table 204. SPI2_WhoAmI register
0
1
1
0
1
1
0
0
11.2
SPI2_STATUS_REG_OIS (1Eh)
The SPI2_STATUS_REG_OIS register is read by the Auxiliary SPI (r).
Table 205. SPI_STATUS_REG_OIS register
0
0
0
0
0
GYRO_
SETTLING
GDA
XLDA
Table 206. SPI_STATUS_REG_OIS description
GYRO_SETTLING
High when the gyroscope output is in the settling phase
GDA
Gyroscope data available (reset when one of the high parts of the output data is read)
XLDA
Accelerometer data available (reset when one of the high parts of the output data is read)
11.3
SPI2_OUT_TEMP_L (20h) and SPI2_OUT_TEMP_H (21h)
Temperature data output register (r). L and H registers together express a 16-bit word in two’s complement.
Table 207. SPI2_OUT_TEMP_L register
Temp7
Temp6
Temp5
Temp4
Temp3
Temp2
Temp1
Temp0
Table 208. SPI2_OUT_TEMP_H register
Temp15
Temp14
Temp13
Temp12
Temp11
Temp10
Temp9
Temp8
Table 209. SPI2_OUT_TEMP register description
Temp[15:0]
Temperature sensor output data
The value is expressed as two’s complement sign extended on the MSB.
LSM6DSOX
SPI2 register description
DS12814 - Rev 3
page 100/199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com