Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 387 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 387 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 383Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 384Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 385Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 386Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 387Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 388Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 389Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 390Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 391Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 400 page
background image
Hardware and layout
Pin no
Pin name
Function
Description
50
GND_Shield
Power
Ground
51
Reserved
Do not connect/reserved for future use
52
GND_Shield
Power
Ground
53
MAGPIO2
Digital I/O (SoC)
1.8 V general purpose I/O
54
MAGPIO1
Digital I/O (SoC)
1.8 V general purpose I/O
55
MAGPIO0
Digital I/O (SoC)
1.8 V general purpose I/O
56
GND_Shield
Power
Ground
57
VIO
Power
MIPI RFFE control interface
58
SCLK
Digital I/O (SoC)
MIPI RFFE control interface
59
SDATA
Digital I/O (SoC)
MIPI RFFE control interface
60
GND_Shield
Power
Ground
61
ANT
RF
Single-ended 50 Ω LTE antenna pin
62
GND_Shield
Power
Ground
63
GND_Shield
Power
Ground
64
AUX
RF
Single-ended 50 Ω ANT loop-back pin
65
GND_Shield
Power
Ground
66
GND_Shield
Power
Ground
67
GPS
RF
Single-ended 50 Ω GPS input pin
68
GND_Shield
Power
Ground
69
GND_Shield
Power
Ground
70
Reserved
Do not connect/reserved for future use
71
Reserved
Do not connect/reserved for future use
72
GND_Shield
Power
Ground
73
Reserved
Do not connect/reserved for future use
74
GND_Shield
Power
Ground
75
GND_Shield
Power
Ground
76
GND_Shield
Power
Ground
77
GND_Shield
Power
Ground
78
GND_Shield
Power
Ground
79
GND_Shield
Power
Ground
80
GND_Shield
Power
Ground
81
GND_Shield
Power
Ground
82
GND_Shield
Power
Ground
83
P0.26
Digital I/O (SoC)
General purpose I/O
84
P0.27
Digital I/O (SoC)
General purpose I/O
85
GND_Shield
Power
Ground
86
P0.28
Digital I/O (SoC)
General purpose I/O
87
P0.29
Digital I/O (SoC)
General purpose I/O
88
P0.30
Digital I/O (SoC)
General purpose I/O
89
P0.31
Digital I/O (SoC)
General purpose I/O
90
GND_Shield
Power
Ground
91
COEX2
Digital I/O (SoC)
Coexistence interface
92
COEX1
Digital I/O (SoC)
Coexistence interface
93
COEX0
Digital I/O (SoC)
Coexistence interface
94
GND_Shield
Power
Ground
95
P0.00
Digital I/O (SoC)
General purpose I/O
96
P0.01
Digital I/O (SoC)
General purpose I/O
97
P0.02
Digital I/O (SoC)
General purpose I/O
98
GND_Shield
Power
Ground
99
P0.03
Digital I/O (SoC)
General purpose I/O
100
P0.04
Digital I/O (SoC)
General purpose I/O
4418_1315 v2.0
387



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com