Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 390 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 390 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 386Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 387Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 388Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 389Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 390Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 391Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 392Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 393Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 394Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 400 page
background image
Hardware and layout
Designator
Value
Description
Footprint
C1, C7
15 pF
Capacitor, NP0, ±0.1pF,
25 V
0201
C2, C4, C8, C10
100 nF
Capacitor, X5R, ±10%
0201
C3, C9
47 μF
Capacitor, X5R, ±20%, 10
V
0805
C5
4.7 µF
Capacitor, X5R, ±20%
0402
C6
4.7 µF
Capacitor, X5R, ±10%, 16
V
0805
R1
10 kΩ
Resistor, ±1%, 0.05 W
0201
R2
1 k
Resistor, ±1%, 0.05 W
0201
FB1
120 R / 0.70 A
Ferrite Bead, 120 Ω @
100 MHz, 700 mA, 130
mΩ Max
0402
U1
nRF9160-SIxA
Low power System-
in-Package (SiP) with
integrated LTE-M/NB-IoT
modem and GPS
LGA
Table 114: BOM for SIxA LGA127
For PCB reference layouts, see the product page for the nRF9160 at www.nordicsemi.com.
10.4 Reflow conditions
The recommended reflow profile is JEDEC J-STD-020D. The maximum amount of reflows is three.
4418_1315 v2.0
390



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com