Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 106 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 106 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 102Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 103Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 104Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 105Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 106Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 107Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 108Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 109Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 110Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 400 page
background image
Peripherals
Symbol
Description
Min.
Typ.
Max.
Units
VOH,HDH
Output high voltage, high drive, 5 mA, VDD >= 2.7 V
VDD-0.4
VDD
V
VOH,HDL
Output high voltage, high drive, 3 mA, VDD >= 1.7 V
VDD-0.4
VDD
V
VOL,SD
Output low voltage, standard drive, 0.5 mA, VDD ≥1.7
VSS
VSS+0.4 V
VOL,HDH
Output low voltage, high drive, 5 mA, VDD >= 2.7 V
VSS
VSS+0.4 V
VOL,HDL
Output low voltage, high drive, 3 mA, VDD >= 1.7 V
VSS
VSS+0.4 V
IOL,SD
Current at VSS+0.4 V, output set low, standard drive, VDD
≥1.7
1
2
4
mA
IOL,HDH
Current at VSS+0.4 V, output set low, high drive, VDD >= 2.7
V
6
10
15
mA
IOL,HDL
Current at VSS+0.4 V, output set low, high drive, VDD >= 1.7
V
3
mA
IOH,SD
Current at VDD-0.4 V, output set high, standard drive, VDD
≥1.7
1
2
4
mA
IOH,HDH
Current at VDD-0.4 V, output set high, high drive, VDD >=
2.7 V
6
9
14
mA
IOH,HDL
Current at VDD-0.4 V, output set high, high drive, VDD >=
1.7 V
3
mA
tRF,15pF
Rise/fall time, standard drive mode, 10-90%, 15 pF load1
6
9
19
ns
tRF,25pF
Rise/fall time, standard drive mode, 10-90%, 25 pF load1
10
13
30
ns
tRF,50pF
Rise/fall time, standard drive mode, 10-90%, 50 pF load1
18
25
61
ns
tHRF,15pF
Rise/Fall time, high drive mode, 10-90%, 15 pF load1
2
4
8
ns
tHRF,25pF
Rise/Fall time, high drive mode, 10-90%, 25 pF load1
3
5
11
ns
tHRF,50pF
Rise/Fall time, high drive mode, 10-90%, 50 pF load1
5
8
19
ns
RPU
Pull-up resistance
11
13
16
kΩ
RPD
Pull-down resistance
11
13
16
kΩ
CPAD
Pad capacitance
3
pF
6.5 GPIOTE — GPIO tasks and events
The GPIO tasks and events (GPIOTE) module provides functionality for accessing GPIO pins using tasks and
events. Each GPIOTE channel can be assigned to one pin.
A GPIOTE block enables GPIOs to generate events on pin state change which can be used to carry out tasks
through the PPI system. A GPIO can also be driven to change state on system events using the PPI system.
Tasks and events are briefly introduced in Peripheral interface on page 15, and GPIO is described in more
detail in GPIO — General purpose input/output on page 97.
Low power detection of pin state changes is possible when in System ON or System OFF.
Instance
Number of GPIOTE channels
GPIOTE
8
Table 39: GPIOTE properties
Up to three tasks can be used in each GPIOTE channel for performing write operations to a pin. Two tasks
are fixed (SET and CLR), and one (OUT) is configurable to perform following operations:
• Set
• Clear
• Toggle
1 Rise and fall times based on simulations
4418_1315 v2.0
106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com