Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 107 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 107 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 103Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 104Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 105Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 106Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 107Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 108Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 109Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 110Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 111Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 400 page
background image
Peripherals
An event can be generated in each GPIOTE channel from one of the following input conditions:
• Rising edge
• Falling edge
• Any change
6.5.1 Pin events and tasks
The GPIOTE module has a number of tasks and events that can be configured to operate on individual
GPIO pins.
The tasks SET[n], CLR[n], and OUT[n] can write to individual pins, and events IN[n] can be generated from
input changes of individual pins.
The SET task will set the pin selected in GPIOTE.CONFIG[n].PSEL to high. The CLR task will set the pin low.
The effect of the OUT task on the pin is configurable in CONFIG[n].POLARITY. It can set the pin high, set it
low, or toggle it.
Tasks and events are configured using the CONFIG[n] registers. One CONFIG[n] register is associated with a
set of SET[n], CLR[n], and OUT[n] tasks and IN[n] events.
As long as a SET[n], CLR[n], and OUT[n] task or an IN[n] event is configured to control pin n, the pin's
output value will only be updated by the GPIOTE module. The pin's output value, as specified in the GPIO,
will be ignored as long as the pin is controlled by GPIOTE. Attempting to write to the pin as a normal GPIO
pin will have no effect. When the GPIOTE is disconnected from a pin, the associated pin gets the output
and configuration values specified in the GPIO module, see MODE field in CONFIG[n] register.
When conflicting tasks are triggered simultaneously (i.e. during the same clock cycle) in one channel, the
priority of the tasks is as described in the following table.
Priority
Task
1
OUT
2
CLR
3
SET
Table 40: Task priorities
When setting the CONFIG[n] registers, MODE=Disabled does not have the same effect as MODE=Task and
POLARITY=None. In the latter case, a CLR or SET task occurring at the exact same time as OUT will end up
with no change on the pin, based on the priorities described in the table above.
When a GPIOTE channel is configured to operate on a pin as a task, the initial value of that pin is
configured in the OUTINIT field of CONFIG[n].
6.5.2 Port event
PORT is an event that can be generated from multiple input pins using the GPIO DETECT signal.
The event will be generated on the rising edge of the DETECT signal. See GPIO — General purpose input/
output on page 97 for more information about the DETECT signal.
The GPIO DETECT signal will not wake the system up again if the system is put into System ON IDLE while
the DETECT signal is high. Clear all DETECT sources before entering sleep. If the LATCH register is used as
a source, a new rising edge will be generated on DETECT if any bit in LATCH is still high after clearing all
or part of the register. This could occur if one of the PINx.DETECT signals is still high, for example. See Pin
sense mechanism on page 99 for more information.
Setting the system to System OFF while DETECT is high will cause a wakeup from System OFF reset.
4418_1315 v2.0
107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com