| Electronic Components Datasheet Search |
|
NRF9160-SIBA-R7 Datasheet(PDF) 120 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SIBA-R7 Datasheet(HTML) 120 Page - Nordic Semiconductor |
|
120 / 400 page ![]() Peripherals • 8, 16 and 24-bit sample width • Low-jitter Master Clock generator • Various sample rates I2S TXD.PTR RXD.PTR RXTXD.MAXCNT PSEL.SCK PSEL.LRCK PSEL.MCK PSEL.SDIN Master clock generator CONFIG.MCKEN CONFIG.MCKFREQ Serial tranceiever PSEL.SDOUT CONFIG.MODE CONFIG.FORMAT CONFIG.RATIO CONFIG.ALIGN Div Div RAM MCK EasyDMA Figure 23: I2S master 6.7.1 Mode The I2S protocol specification defines two modes of operation, Master and Slave. The I2S mode decides which of the two sides (Master or Slave) shall provide the clock signals LRCK and SCK, and these signals are always supplied by the Master to the Slave. 6.7.2 Transmitting and receiving The I2S module supports both transmission (TX) and reception (RX) of serial data. In both cases the serial data is shifted synchronously to the clock signals SCK and LRCK. TX data is written to the SDOUT pin on the falling edge of SCK, and RX data is read from the SDIN pin on the rising edge of SCK. The most significant bit (MSB) is always transmitted first. Note: When starting a transmission in master mode, two frames (two left-and-right sample pairs) of value zero will be transmitted after triggering the START task, prior to the RXTXD.MAXCNT samples specified by the TXD.PTR pointer. TX and RX are available in both Master and Slave modes and can be enabled/disabled independently in the CONFIG.TXEN on page 134 and CONFIG.RXEN on page 134. Transmission and/or reception is started by triggering the START task. When started and transmission is enabled (in CONFIG.TXEN on page 134), the TXPTRUPD event will be generated for every RXTXD.MAXCNT on page 137 number of transmitted data words (containing one or more samples). 4418_1315 v2.0 120 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |