Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 121 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 121 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 117Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 118Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 119Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 120Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 121Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 122Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 123Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 124Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 125Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 400 page
background image
Peripherals
Similarly, when started and reception is enabled (in CONFIG.RXEN on page 134), the RXPTRUPD event
will be generated for every RXTXD.MAXCNT on page 137 received data words.
A
Left 0
Right 0
Left 1
RIght 1
Left 2
Right 2
Left 3
Right 3
Left 4
A
A
A
C
C
C
C
E
B
B
B
B
D
D
D
D
F
RXTXD.MAXCNT
RXTXD.MAXCNT
Figure 24: Transmitting and receiving. CONFIG.FORMAT = Aligned,
CONFIG.SWIDTH = 8Bit, CONFIG.CHANNELS = Stereo, RXTXD.MAXCNT = 1.
6.7.3 Left right clock (LRCK)
The Left Right Clock (LRCK), often referred to as "word clock", "sample clock" or "word select" in I2S
context, is the clock defining the frames in the serial bit streams sent and received on SDOUT and SDIN,
respectively.
In I2S mode, each frame contains one left and right sample pair, with the left sample being transferred
during the low half period of LRCK followed by the right sample being transferred during the high period of
LRCK.
In Aligned mode, each frame contains one left and right sample pair, with the left sample being
transferred during the high half period of LRCK followed by the right sample being transferred during the
low period of LRCK.
Consequently, the LRCK frequency is equivalent to the audio sample rate.
When operating in Master mode, the LRCK is generated from the MCK, and the frequency of LRCK is then
given as:
LRCK = MCK / CONFIG.RATIO
LRCK always toggles around the falling edge of the serial clock SCK.
6.7.4 Serial clock (SCK)
The serial clock (SCK), often referred to as the serial bit clock, pulses once for each data bit being
transferred on the serial data lines SDIN and SDOUT.
When operating in Master mode the SCK is generated from the MCK, and the frequency of SCK is then
given as:
SCK = 2 * LRCK * CONFIG.SWIDTH
The falling edge of the SCK falls on the toggling edge of LRCK.
When operating in Slave mode SCK is provided by the external I2S master.
4418_1315 v2.0
121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com