Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 158 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 158 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 154Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 155Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 156Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 157Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 158Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 159Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 160Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 161Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 162Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 400 page
background image
Peripherals
6.9.7.16 MODE
Address offset: 0x508
Defines the routing of the connected PDM microphones' signals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
OPERATION
Mono or stereo operation
Stereo
0
Sample and store one pair (left + right) of 16-bit samples per RAM
word R=[31:16]; L=[15:0]
Mono
1
Sample and store two successive left samples (16 bits each) per RAM
word L1=[31:16]; L0=[15:0]
B
RW
EDGE
Defines on which PDM_CLK edge left (or mono) is sampled
LeftFalling
0
Left (or mono) is sampled on falling edge of PDM_CLK
LeftRising
1
Left (or mono) is sampled on rising edge of PDM_CLK
6.9.7.17 GAINL
Address offset: 0x518
Left output gain adjustment
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A
Reset 0x00000028
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
GAINL
Left output gain adjustment, in 0.5 dB steps, around the default
module gain (see electrical parameters)
0x00 -20 dB gain adjust
0x01 -19.5 dB gain adjust
(...)
0x27 -0.5 dB gain adjust
0x28 0 dB gain adjust
0x29 +0.5 dB gain adjust
(...)
0x4F +19.5 dB gain adjust
0x50 +20 dB gain adjust
MinGain
0x00
-20 dB gain adjustment (minimum)
DefaultGain
0x28
0 dB gain adjustment
MaxGain
0x50
+20 dB gain adjustment (maximum)
6.9.7.18 GAINR
Address offset: 0x51C
Right output gain adjustment
4418_1315 v2.0
158



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com