Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 161 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 161 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 157Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 158Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 159Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 160Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 161Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 162Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 163Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 164Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 165Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 400 page
background image
Peripherals
tPDM,CLK
CLK
tPDM,s
DIN(R)
DIN (L)
tPDM,h=tPDM,ci
tPDM,s
tPDM,h=tPDM,ci
tPDM,cv
tPDM,cv
Figure 41: PDM timing diagram
6.10 PWM — Pulse width modulation
The pulse with modulation (PWM) module enables the generation of pulse width modulated signals
on GPIO. The module implements an up or up-and-down counter with four PWM channels that drive
assigned GPIOs.
The following are the main features of a PWM module:
• Programmable PWM frequency
• Up to four PWM channels with individual polarity and duty cycle values
• Edge or center-aligned pulses across PWM channels
• Multiple duty cycle arrays (sequences) defined in RAM
• Autonomous and glitch-free update of duty cycle values directly from memory through EasyDMA (no
CPU involvement)
• Change of polarity, duty cycle, and base frequency possibly on every PWM period
• RAM sequences can be repeated or connected into loops
Decoder
Sequence 0
Sequence 1
Wave Counter
DATA RAM
COMP0
COMP1
COMP2
COMP3
SEQSTARTED[0]
SEQSTARTED[1]
SEQEND[0]
SEQEND[1]
SEQ[n].REFRESH
NEXTSTEP
PSEL.OUT[0]
PSEL.OUT[1]
PSEL.OUT[2]
PSEL.OUT[3]
PWM
Carry/Reload
PRESCALER
PWM_CLK
START
STOP
SEQSTART[0]
SEQSTART[1]
COUNTERTOP
STARTED
STOPPED
Figure 42: PWM module
6.10.1 Wave counter
The wave counter is responsible for generating the pulses at a duty cycle that depends on the compare
values, and at a frequency that depends on COUNTERTOP.
There is one common 15-bit counter with four compare channels. Thus, all four channels will share the
same period (PWM frequency), but can have individual duty cycle and polarity. The polarity is set by a
4418_1315 v2.0
161



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com