Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 171 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 171 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 167Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 168Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 169Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 170Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 171Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 172Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 173Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 174Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 175Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 400 page
background image
Peripherals
100% duty cycle
New value load
Previously
loaded
duty cycle
0% duty cycle
LOOP.CNT
(LOOP.CNT - 1)
1
Loop counter
...
last loaded
duty cycle
maintained
Figure 50: Complex sequence (LOOP.CNT>0) starting with SEQ[1]
Note: If a sequence is in use in a simple or complex sequence, it must have a length of SEQ[n].CNT
> 0.
This example shows how the PWM module can be configured to repeat a single sequence until stopped.
NRF_PWM0->PSEL.OUT[0] = (first_pin << PWM_PSEL_OUT_PIN_Pos) |
(PWM_PSEL_OUT_CONNECT_Connected <<
PWM_PSEL_OUT_CONNECT_Pos);
NRF_PWM0->ENABLE
= (PWM_ENABLE_ENABLE_Enabled << PWM_ENABLE_ENABLE_Pos);
NRF_PWM0->MODE
= (PWM_MODE_UPDOWN_Up << PWM_MODE_UPDOWN_Pos);
NRF_PWM0->PRESCALER
= (PWM_PRESCALER_PRESCALER_DIV_1 <<
PWM_PRESCALER_PRESCALER_Pos);
NRF_PWM0->COUNTERTOP = (16000 << PWM_COUNTERTOP_COUNTERTOP_Pos); //1 msec
// Enable the shortcut from LOOPSDONE event to SEQSTART1 task for infinite loop
NRF_PWM0->SHORTS
= (PWM_SHORTS_LOOPSDONE_SEQSTART1_Enabled <<
PWM_SHORTS_LOOPSDONE_SEQSTART1_Pos);
// LOOP_CNT must be greater than 0 for the LOOPSDONE event to trigger and enable looping
NRF_PWM0->LOOP
= (1 << PWM_LOOP_CNT_Pos);
NRF_PWM0->DECODER
= (PWM_DECODER_LOAD_Common << PWM_DECODER_LOAD_Pos) |
(PWM_DECODER_MODE_RefreshCount << PWM_DECODER_MODE_Pos);
// To repeat a single sequence until stopped, it must be configured in SEQ[1]
NRF_PWM0->SEQ[1].PTR = ((uint32_t)(seq0_ram) << PWM_SEQ_PTR_PTR_Pos);
NRF_PWM0->SEQ[1].CNT = ((sizeof(seq0_ram) / sizeof(uint16_t)) <<
PWM_SEQ_CNT_CNT_Pos);
NRF_PWM0->SEQ[1].REFRESH = 0;
NRF_PWM0->SEQ[1].ENDDELAY = 0;
NRF_PWM0->TASKS_SEQSTART[1] = 1;
4418_1315 v2.0
171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com