Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 172 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 172 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 168Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 169Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 170Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 171Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 172Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 173Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 174Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 175Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 176Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 400 page
background image
Peripherals
6.10.3 Limitations
The previous compare value is repeated if the PWM period is shorter than the time it takes for the
EasyDMA to retrieve from RAM and update the internal compare registers. This is to ensure a glitch-free
operation even for very short PWM periods.
Only SEQ[1] can trigger the LOOPSDONE event upon completion, not SEQ[0]. This requires looping to be
enabled (LOOP > 0) and SEQ[1].CNT > 0 when sequence playback starts.
6.10.4 Pin configuration
The OUT[n] (n=0..3) signals associated with each PWM channel are mapped to physical pins according to
the configuration of PSEL.OUT[n] registers. If PSEL.OUT[n].CONNECT is set to Disconnected, the associated
PWM module signal will not be connected to any physical pins.
The PSEL.OUT[n] registers and their configurations are used as long as the PWM module is enabled and
the PWM generation active (wave counter started). They are retained only as long as the device is in
System ON mode (see the POWER section for more information about power modes).
To ensure correct behavior in the PWM module, the pins that are used must be configured in the GPIO
peripheral in the following way before the PWM module is enabled:
PWM signal
PWM pin
Direction
Output value
Comment
OUT[n]
As specified in PSEL.OUT[n]
(n=0..3)
Output
0
Idle state defined in GPIO OUT
register
Table 59: Recommended GPIO configuration before starting PWM generation
The idle state of a pin is defined by the OUT register in the GPIO module, to ensure that the pins used by
the PWM module are driven correctly. If PWM generation is stopped by triggering a STOP task, the PWM
module itself is temporarily disabled or the device temporarily enters System OFF. This configuration must
be retained in the GPIO for the selected pins (I/Os) for as long as the PWM module is supposed to be
connected to an external PWM circuit.
Only one peripheral can be assigned to drive a particular GPIO pin at a time. Failing to do so may result in
unpredictable behavior.
6.10.5 Registers
Base address Peripheral
Instance
Secure mapping
DMA security
Description
Configuration
0x50021000
0x40021000
PWM
PWM0 : S
PWM0 : NS
US
SA
Pulse width modulation unit 0
0x50022000
0x40022000
PWM
PWM1 : S
PWM1 : NS
US
SA
Pulse width modulation unit 1
0x50023000
0x40023000
PWM
PWM2 : S
PWM2 : NS
US
SA
Pulse width modulation unit 2
0x50024000
0x40024000
PWM
PWM3 : S
PWM3 : NS
US
SA
Pulse width modulation unit 3
Table 60: Instances
Register
Offset
Security Description
TASKS_STOP
0x004
Stops PWM pulse generation on all channels at the end of current PWM period, and stops
sequence playback
4418_1315 v2.0
172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com