Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 207 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 207 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 203Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 204Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 205Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 206Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 207Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 208Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 209Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 210Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 211Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 400 page
background image
Peripherals
Register
Offset
Security Description
OVERSAMPLE
0x5F4
Oversampling configuration. OVERSAMPLE should not be combined with SCAN. The
RESOLUTION is applied before averaging, thus for high OVERSAMPLE a higher RESOLUTION
should be used.
SAMPLERATE
0x5F8
Controls normal or continuous sample rate
RESULT.PTR
0x62C
Data pointer
RESULT.MAXCNT
0x630
Maximum number of buffer words to transfer
RESULT.AMOUNT
0x634
Number of buffer words transferred since last START
Table 69: Register overview
6.12.10.1 TASKS_START
Address offset: 0x000
Start the ADC and prepare the result buffer in RAM
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
TASKS_START
Start the ADC and prepare the result buffer in RAM
Trigger
1
Trigger task
6.12.10.2 TASKS_SAMPLE
Address offset: 0x004
Take one ADC sample, if scan is enabled all channels are sampled
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
TASKS_SAMPLE
Take one ADC sample, if scan is enabled all channels are sampled
Trigger
1
Trigger task
6.12.10.3 TASKS_STOP
Address offset: 0x008
Stop the ADC and terminate any on-going conversion
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
TASKS_STOP
Stop the ADC and terminate any on-going conversion
Trigger
1
Trigger task
6.12.10.4 TASKS_CALIBRATEOFFSET
Address offset: 0x00C
Starts offset auto-calibration
4418_1315 v2.0
207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com