Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 209 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 209 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 205Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 206Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 207Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 208Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 209Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 210Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 211Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 212Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 213Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 400 page
background image
Peripherals
Subscribe configuration for task CALIBRATEOFFSET
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
CHIDX
[255..0]
DPPI channel that task CALIBRATEOFFSET will subscribe to
B
RW
EN
Disabled
0
Disable subscription
Enabled
1
Enable subscription
6.12.10.9 EVENTS_STARTED
Address offset: 0x100
The ADC has started
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
EVENTS_STARTED
The ADC has started
NotGenerated
0
Event not generated
Generated
1
Event generated
6.12.10.10 EVENTS_END
Address offset: 0x104
The ADC has filled up the Result buffer
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
EVENTS_END
The ADC has filled up the Result buffer
NotGenerated
0
Event not generated
Generated
1
Event generated
6.12.10.11 EVENTS_DONE
Address offset: 0x108
A conversion task has been completed. Depending on the mode, multiple conversions might be needed for
a result to be transferred to RAM.
4418_1315 v2.0
209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com