| Electronic Components Datasheet Search |
|
NRF9160-SIBA-R7 Datasheet(PDF) 241 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SIBA-R7 Datasheet(HTML) 241 Page - Nordic Semiconductor |
|
241 / 400 page ![]() Peripherals Mode Clock polarity Clock phase CPOL CPHA SPI_MODE0 0 (Active High) 0 (Trailing Edge) SPI_MODE1 0 (Active High) 1 (Leading Edge) SPI_MODE2 1 (Active Low) 0 (Trailing Edge) SPI_MODE3 1 (Active Low) 1 (Leading Edge) Table 75: SPI modes 6.14.1 Shared resources The SPI slave shares registers and other resources with other peripherals that have the same ID as the SPI slave. Therefore, you must disable all peripherals that have the same ID as the SPI slave before the SPI slave can be configured and used. Disabling a peripheral that has the same ID as the SPI slave will not reset any of the registers that are shared with the SPI slave. It is important to configure all relevant SPI slave registers explicitly to secure that it operates correctly. The Instantiation table in Instantiation on page 24 shows which peripherals have the same ID as the SPI slave. 6.14.2 EasyDMA The SPIS implements EasyDMA for accessing RAM without CPU involvement. The SPIS peripheral implements the following EasyDMA channels: Channel Type Register Cluster TXD READER TXD RXD WRITER RXD Table 76: SPIS EasyDMA Channels For detailed information regarding the use of EasyDMA, see EasyDMA on page 45. If RXD.MAXCNT is larger than TXD.MAXCNT, the remaining transmitted bytes will contain the value defined in the ORC register. The END event indicates that EasyDMA has finished accessing the buffer in RAM. 6.14.3 SPI slave operation SPI slave uses two memory pointers, RXD.PTR and TXD.PTR, that point to the RXD buffer (receive buffer) and TXD buffer (transmit buffer) respectively. Since these buffers are located in RAM, which can be accessed by both the SPI slave and the CPU, a hardware based semaphore mechanism is implemented to enable safe sharing. Before the CPU can safely update the RXD.PTR and TXD.PTR pointers it must first acquire the SPI semaphore. The CPU can acquire the semaphore by triggering the ACQUIRE task and then receiving the ACQUIRED event. When the CPU has updated the RXD.PTR and TXD.PTR pointers the CPU must release the semaphore before the SPI slave will be able to acquire it. The CPU releases the semaphore by triggering the RELEASE task, this is illustrated in SPI transaction when shortcut between END and ACQUIRE is enabled on page 242. Triggering the RELEASE task when the semaphore is not granted to the CPU will have no effect. See Semaphore operation on page 243 for more information 4418_1315 v2.0 241 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |