Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 242 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 242 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 238Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 239Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 240Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 241Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 242Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 243Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 244Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 245Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 246Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 400 page
background image
Peripherals
If the CPU is not able to reconfigure the TXD.PTR and RXD.PTR between granted transactions, the same
TX data will be clocked out and the RX buffers will be overwritten. To prevent this from happening, the
END_ACQUIRE shortcut can be used. With this shortcut enabled the semaphore will be handed over to the
CPU automatically after the granted transaction has completed, giving the CPU the ability to update the
TXPTR and RXPTR between every granted transaction.
The ENDRX event is generated when the RX buffer has been filled.
The RXD.MAXCNT register specifies the maximum number of bytes the SPI slave can receive in one
granted transaction. If the SPI slave receives more than RXD.MAXCNT number of bytes, an OVERFLOW will
be indicated in the STATUS register and the incoming bytes will be discarded.
The TXD.MAXCNT parameter specifies the maximum number of bytes the SPI slave can transmit in one
granted transaction. If the SPI slave is forced to transmit more than TXD.MAXCNT number of bytes, an
OVERREAD will be indicated in the STATUS register and the ORC character will be clocked out.
The RXD.AMOUNT and TXD.AMOUNT registers are updated when a granted transaction is completed.
The TXD.AMOUNT register indicates how many bytes were read from the TX buffer in the last transaction,
that is, ORC (over-read) characters are not included in this number. Similarly, the RXD.AMOUNT register
indicates how many bytes were written into the RX buffer in the last transaction.
0
0
1
2
DEF
A
B
C
4
1
CPU
Free
CPUPENDING
CPU
Ignored
Granted
3
Ignored
0
DEF
CPU
2
Free
1
DEF
2
DEF
SPIS
SPI master can use the DEF character to
stop the transaction as soon as possible
if the transaction is not granted.
Figure 76: SPI transaction when shortcut between END and ACQUIRE is enabled
4418_1315 v2.0
242



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com