Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 281 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 281 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 277Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 278Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 279Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 280Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 281Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 282Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 283Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 284Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 285Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 400 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
F
E
D C B B A A
Reset 0x00000012
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 1 0
ID
R/W
Field
Value ID
Value
Description
D
RW
DMASEC
Security attribution for the DMA transfer
Note: This bit has effect only if PERIPHID[n].PERM.SECATTR
is set to secure
Secure
1
DMA transfers initiated by this peripheral have the secure attribute set
NonSecure
0
DMA transfers initiated by this peripheral have the non-secure
attribute set
E
RW
LOCK
Unlocked
0
This register can be updated
Locked
1
The content of this register can't be changed until the next reset
F
R
PRESENT
Indicate if a peripheral is present with ID n
NotPresent
0
Peripheral is not present
IsPresent
1
Peripheral is present
6.16 TIMER — Timer/counter
This peripheral is a general purpose timer designed to keep track of time in user-selective time intervals, it
can operate in two modes: timer and counter.
PCLK1M
Prescaler
TIMER Core
CC[0..n]
fTIMER
Increment
MODE
PRESCALER
Counter
BITMODE
PCLK16M
TIMER
Figure 88: Block schematic for timer/counter
The timer/counter runs on the high-frequency clock source (HFCLK) and includes a four-bit (1/2X)
prescaler that can divide the timer input clock from the HFCLK controller. Clock source selection between
PCLK16M and PCLK1M is automatic according to TIMER base frequency set by the prescaler. The TIMER
base frequency is always given as 16 MHz divided by the prescaler value.
The PPI system allows a TIMER event to trigger a task of any other system peripheral of the device. The PPI
system also enables the TIMER task/event features to generate periodic output and PWM signals to any
GPIO. The number of input/outputs used at the same time is limited by the number of GPIOTE channels.
TIMER can operate in two modes: Timer mode and Counter mode. In both modes, TIMER is started by
triggering the START task, and stopped by triggering the STOP task. After the timer is stopped the timer
can resume timing/counting by triggering the START task again. When timing/counting is resumed, the
timer will continue from the value it had prior to being stopped.
4418_1315 v2.0
281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com