Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 277 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 277 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 273Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 274Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 275Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 276Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 277Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 278Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 279Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 280Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 281Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 400 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
LOCK
Locked
1
DPPI[n].PERM register can't be changed until next reset
Unlocked
0
DPPI[n].PERM register content can be changed
6.15.9.14 GPIOPORT[n].PERM (n=0..0) (Retained)
Address offset: 0x4C0 + (n × 0x8)
Select between secure and non-secure attribute for pins 0 to 31 of port n.
This register is retained.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W
Field
Value ID
Value
Description
A-f
RW
PIN[i] (i=0..31)
Select secure attribute attribute for PIN i.
Secure
1
Pin i has its secure attribute set
NonSecure
0
Pin i has its non-secure attribute set
6.15.9.15 GPIOPORT[n].LOCK (n=0..0)
Address offset: 0x4C4 + (n × 0x8)
Prevent further modification of the corresponding PERM register
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
LOCK
Locked
1
GPIOPORT[n].PERM register can't be changed until next reset
Unlocked
0
GPIOPORT[n].PERM register content can be changed
6.15.9.16 FLASHNSC[n].REGION (n=0..1)
Address offset: 0x500 + (n × 0x8)
Define which flash region can contain the non-secure callable (NSC) region n
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B
A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
REGION
Region number
B
RW
LOCK
Unlocked
0
This register can be updated
Locked
1
The content of this register can't be changed until the next reset
6.15.9.17 FLASHNSC[n].SIZE (n=0..1)
Address offset: 0x504 + (n × 0x8)
4418_1315 v2.0
277



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com