Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 273 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 273 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 269Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 270Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 271Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 272Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 273Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 274Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 275Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 276Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 277Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 400 page
background image
Peripherals
A security violation has been detected for the flash memory space
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
EVENTS_FLASHACCERR
A security violation has been detected for the flash memory space
NotGenerated
0
Event not generated
Generated
1
Event generated
6.15.9.3 EVENTS_PERIPHACCERR
Address offset: 0x108
A security violation has been detected on one or several peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
EVENTS_PERIPHACCERR
A security violation has been detected on one or several peripherals
NotGenerated
0
Event not generated
Generated
1
Event generated
6.15.9.4 PUBLISH_RAMACCERR
Address offset: 0x180
Publish configuration for event RAMACCERR
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
CHIDX
[255..0]
DPPI channel that event RAMACCERR will publish to
B
RW
EN
Disabled
0
Disable publishing
Enabled
1
Enable publishing
6.15.9.5 PUBLISH_FLASHACCERR
Address offset: 0x184
Publish configuration for event FLASHACCERR
4418_1315 v2.0
273



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com