| Electronic Components Datasheet Search |
|
NRF9160-SIBA-R7 Datasheet(PDF) 269 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SIBA-R7 Datasheet(HTML) 269 Page - Nordic Semiconductor |
|
269 / 400 page ![]() Peripherals The security attribute of a DPPI channel is configured in DPPI[n].PERM (n=0..0) on page 276. When the secure attribute is set for a channel, only peripherals that have the secure attribute set will be able to publish events to this channel or subscribe to this channel to receive tasks. The DPPI controller peripheral (DPPIC) is a split security peripheral, i.e., its security behavior depends on the security attributes of both the DPPIC and the accessing party. See Special considerations regarding the DPPIC configuration registers on page 269 for more information about the DPPIC security behavior. If a non-secure peripheral wants to publish an event on a secure DPPI channel, the channel will ignore the event. If a non-secure peripheral subscribes to a secure DPPI channel, it will not receive any events from this channel. The following figure illustrates the principle of operation of the security logic for a subscribed channel: SUBSCRIBE_XXXX DPPI channel[0] DPPI channel[n] Security Attribute for DPPI channel [0] 0 n Security Attribute for DPPI channel [n] SPU.DPPI[].PERM SPU.PERIPHID[id].PERM SECATTR Peripheral registers Security check Event (to peripheral core) Figure 86: Subscribed channel security concept No error reporting mechanism is associated with the DPPI access control logic. 6.15.6.1 Special considerations regarding the DPPIC configuration registers DPPI channels can be enabled, disabled and grouped through the DPPI controller (DPPIC). The DPPIC is a split-security peripheral, and handles both secure and non-secure accesses. A non-secure peripheral access will only be able to configure and control DPPI channels defined as non-secure in SPU's DPPI[n].PERM register(s). A secure peripheral access can control all DPPI channels, independently of the configuration in the DPPI[n].PERM register(s). The DPPIC allows the creation of group of channels to be able to enable or disable all channels within a group simultaneously. The security attribute of a group of channels (secure or non-secure) is defined as follows: • If all channels (enabled or not) in the group are non-secure, then the group is considered non-secure • If at least one of the channels (enabled or not) in the group is secure, then the group is considered secure A non-secure access to a DPPIC register, or a bitfield controlling a channel marked as secure in DPPI[n].PERM register(s), will be ignored: • Write accesses will have no effect 4418_1315 v2.0 269 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |