| Electronic Components Datasheet Search |
|
NRF9160-SIBA-R7 Datasheet(PDF) 268 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SIBA-R7 Datasheet(HTML) 268 Page - Nordic Semiconductor |
|
268 / 400 page ![]() Peripherals • Feedback is sent to the master through specific bus error signals, if this is supported by the master. If the master is a processor supporting ARM TrustZone for Cortex-M, a SecureFault exception will be generated for security related errors. • The PERIPHACCERR event will be triggered 6.15.5 Pin access control Access to device pins can be controlled by the SPU. A pin can be declared as secure so that only secure peripherals or secure code can access it. Pins declared as non-secure can be accessed by both secure and non-secure peripherals or code. The security attribute of each pin can be individually configured in SPU's GPIOPORT[n].PERM register. When the secure attribute is set for a pin, only peripherals that have the secure attribute set will be able to read the value of the pin or change it. Peripherals can select the pin(s) they need access to through their PSEL register(s). If a peripheral has its attribute set to non-secure, but one of its PSEL registers selects a pin with the attribute set to secure, the SPU controlled logic will ensure that the pin selection is not propagated. In addition, the pin value will always be read as zero, to prevent a non-secure peripheral from obtaining a value from a secure pin. Whereas access to other pins with attribute set as non-secure will not be blocked. Pins can be assigned to other domains than the application domain by changing the MCUSEL value in the GPIO PIN_CNF[n] register. Domains that do not have a pin assigned to them can neither control that pin nor read its status. Any pin configuration set in a domain that doesn't have ownership of that pin will not take effect until the MCUSEL is updated to assign that pin to the domain. Within each domain, pin access is controlled by that domain's local security configuration and peripheral PSEL registers. This is illustrated in the following figure: Note: The SPU setting will still count when the APP domain accesses its local GPIO peripheral, as local registers are still writable even though MCUSEL is set to a different domain. Any changes in the APP GPIO peripheral done to a GPIO controlled by another domain will not affect the GPIO pad until MCUSEL is changed to APP. Application MCU Pin control logic SPU.GPIOPORT[0].PERM SPU.GPIOPORT[1].PERM GPIO P0.0 P0.31 P1.0 P1.n EXTDOMAIN[n] GPIO.PIN_CNF[n] MCUSEL MCU selection logic Security control unit SPU Security control unit PSEL.YYY PSEL.XXX Peripherals PSEL.YYY PSEL.XXX Peripherals Figure 85: Pin access for domains other than the application domain 6.15.6 DPPI access control Access to DPPI channels can be restricted. A channel can be declared as secure so that only secure peripherals can access it. 4418_1315 v2.0 268 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |