Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 272 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 272 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 268Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 269Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 270Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 271Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 272Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 273Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 274Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 275Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 276Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 400 page
background image
Peripherals
6.15.9 Registers
Base address Peripheral
Instance
Secure mapping
DMA security
Description
Configuration
0x50003000
SPU
SPU
S
NA
System Protection Unit
Table 85: Instances
Register
Offset
Security Description
EVENTS_RAMACCERR
0x100
A security violation has been detected for the RAM memory space
EVENTS_FLASHACCERR
0x104
A security violation has been detected for the flash memory space
EVENTS_PERIPHACCERR
0x108
A security violation has been detected on one or several peripherals
PUBLISH_RAMACCERR
0x180
Publish configuration for event RAMACCERR
PUBLISH_FLASHACCERR
0x184
Publish configuration for event FLASHACCERR
PUBLISH_PERIPHACCERR
0x188
Publish configuration for event PERIPHACCERR
INTEN
0x300
Enable or disable interrupt
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
CAP
0x400
Show implemented features for the current device
EXTDOMAIN[n].PERM
0x440
Access for bus access generated from the external domain n
List capabilities of the external domain n
DPPI[n].PERM
0x480
Select between secure and non-secure attribute for the DPPI channels.
DPPI[n].LOCK
0x484
Prevent further modification of the corresponding PERM register
GPIOPORT[n].PERM
0x4C0
Select between secure and non-secure attribute for pins 0 to 31 of port n.
This register is retained.
GPIOPORT[n].LOCK
0x4C4
Prevent further modification of the corresponding PERM register
FLASHNSC[n].REGION
0x500
Define which flash region can contain the non-secure callable (NSC) region n
FLASHNSC[n].SIZE
0x504
Define the size of the non-secure callable (NSC) region n
RAMNSC[n].REGION
0x540
Define which RAM region can contain the non-secure callable (NSC) region n
RAMNSC[n].SIZE
0x544
Define the size of the non-secure callable (NSC) region n
FLASHREGION[n].PERM
0x600
Access permissions for flash region n
RAMREGION[n].PERM
0x700
Access permissions for RAM region n
PERIPHID[n].PERM
0x800
List capabilities and access permissions for the peripheral with ID n
Table 86: Register overview
6.15.9.1 EVENTS_RAMACCERR
Address offset: 0x100
A security violation has been detected for the RAM memory space
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
EVENTS_RAMACCERR
A security violation has been detected for the RAM memory space
NotGenerated
0
Event not generated
Generated
1
Event generated
6.15.9.2 EVENTS_FLASHACCERR
Address offset: 0x104
4418_1315 v2.0
272



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com