Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 276 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 276 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 272Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 273Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 274Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 275Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 276Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 277Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 278Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 279Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 280Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 400 page
background image
Peripherals
6.15.9.11 EXTDOMAIN[n].PERM (n=0..0)
Address offset: 0x440 + (n × 0x4)
Access for bus access generated from the external domain n
List capabilities of the external domain n
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
C
B
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
R
SECUREMAPPING
Define configuration capabilities for TrustZone Cortex-M secure
attribute
Note: This does not affect DPPI in the external domain
NonSecure
0
The bus access from this external domain always have the non-secure
attribute set
Secure
1
The bus access from this external domain always have the secure
attribute set
UserSelectable
2
Non-secure or secure attribute for bus access from this domain is
defined by the EXTDOMAIN[n].PERM register
B
RW
SECATTR
Peripheral security mapping
Note: This bit has effect only if
EXTDOMAIN[n].PERM.SECUREMAPPING reads as
UserSelectable
NonSecure
0
Bus accesses from this domain have the non-secure attribute set
Secure
1
Bus accesses from this domain have secure attribute set
C
RW
LOCK
Unlocked
0
This register can be updated
Locked
1
The content of this register can't be changed until the next reset
6.15.9.12 DPPI[n].PERM (n=0..0)
Address offset: 0x480 + (n × 0x8)
Select between secure and non-secure attribute for the DPPI channels.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
P O N M L K J I H G F E D C B A
Reset 0x0000FFFF
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W
Field
Value ID
Value
Description
A-P RW
CHANNEL[i] (i=0..15)
Select secure attribute.
Secure
1
Channeli has its secure attribute set
NonSecure
0
Channeli has its non-secure attribute set
6.15.9.13 DPPI[n].LOCK (n=0..0)
Address offset: 0x484 + (n × 0x8)
Prevent further modification of the corresponding PERM register
4418_1315 v2.0
276



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com