| Electronic Components Datasheet Search |
|
NRF9160-SIBA-R7 Datasheet(PDF) 266 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SIBA-R7 Datasheet(HTML) 266 Page - Nordic Semiconductor |
|
266 / 400 page ![]() Peripherals Master type Security violation Read/Write/Execute protection violation Cortex-M33 SecureFault exception BusFault exception, RAMACCERR event EasyDMA RAZ/WI, RAMACCERR event RAZ/WI, RAMACCERR event Other masters RAZ/WI, RAMACCERR event RAZ/WI, RAMACCERR event Table 81: Error reporting for RAM access errors For a Cortex-M33 master, the SecureFault exception will take precedence over the BusFault exception if a security violation occurs simultaneously with another type of violation. 6.15.4 Peripheral access control Access controls are defined by the characteristics of the peripheral. Peripherals can have their security attribute set as: Always secure For a peripheral related to system control Always non-secure For some general-purpose peripherals Configurable For general-purpose peripherals that may be configured for secure only access The full list of peripherals and their corresponding security attributes can be found in Memory map on page 23. For each peripheral with ID n, PERIPHID[n]. PERM will show whether the security attribute for this peripheral is configurable or not. If not hardcoded, the security attribute can configured using the PERIPHID[id].PERM. At reset, all user-selectable and split security peripherals are set to be secure, with secure DMA where present. Secure code can access both secure peripherals and non-secure peripherals. The nRF9160 does not support runtime security configuration of peripherals. It is thus, advisable that all security settings on peripherals are set during boot time. Doing so will ensure the desired system security configuration is deployed simultaneously system-wide. 6.15.4.1 Peripherals with split security Peripherals with split security are defined to handle use-cases when both secure and non-secure code needs to control the same resource. When peripherals with split security have their security attribute set to non-secure, access to specific registers and bitfields within some registers is dependent on the security attribute of the bus transfer. For example, some registers will not be accessible for a non-secure transfer. When peripherals with split security have their security attribute set to secure, then only secure transfers can access their registers. See Instantiation on page 24 for an overview of split security peripherals. Respective peripheral chapters explain the specific security behavior of each peripheral. 6.15.4.2 Peripheral address mapping Peripherals that have non-secure security mapping have their address starting with 0x4XXX_XXXX. Peripherals that have secure security mapping have their address starting with 0x5XXX_XXXX. 4418_1315 v2.0 266 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |