| Electronic Components Datasheet Search |
|
NRF9160-SIBA-R7 Datasheet(PDF) 263 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SIBA-R7 Datasheet(HTML) 263 Page - Nordic Semiconductor |
|
263 / 400 page ![]() Peripherals Master type Security violation Read/Write/Execute protection violation Cortex-M33 SecureFault exception BusFault exception, FLASHACCERR event EasyDMA RAZ/WI, FLASHACCERR event RAZ/WI, FLASHACCERR event Other masters RAZ/WI, FLASHACCERR event RAZ/WI, FLASHACCERR event Table 80: Error reporting for flash access errors For a Cortex-M33 master, the SecureFault exception will take precedence over the BusFault exception if a security violation occurs simultaneously with another type of violation. 6.15.2.3 UICR and FICR protections The user information configuration registers (UICR) and factory information configuration registers (FICR) are always considered as secure. FICR registers are read-only. UICR registers can be read and written by secure code only. Writing new values to user information configuration registers must follow the procedure described in NVMC — Non-volatile memory controller on page 29. Code execution from FICR and UICR address spaces will always be reported as access violation, an exception to this rule applies during a debug session. 6.15.3 RAM access control The RAM memory space is divided in regions, each of them with configurable permissions settings. The RAM memory space is divided into 32 regions of 8 KiB. For each region, four different types of permissions can be configured: Read Allows data read access to the region. Code fetch from this region is not controlled by the read permission but by the execute permission described below. Write Allows write access to the region Execute Allows code fetch from this region Secure Allows only bus accesses with the security attribute set to access the region Permissions can be set independently. For example, it is possible to configure a RAM region to be accessible only through secure transfer, being read-only (no write allowed) and non-executable (no code fetch allowed). For each region, permissions can be set and then locked to prevent subsequent modifications by using the RAMREGION[n].PERM.LOCK bit. The following figure shows the RAM memory space and the devided regions: 4418_1315 v2.0 263 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |