| Electronic Components Datasheet Search |
|
NRF9160-SIBA-R7 Datasheet(PDF) 259 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SIBA-R7 Datasheet(HTML) 259 Page - Nordic Semiconductor |
|
259 / 400 page ![]() Peripherals 6.15 SPU — System protection unit SPU is the central point in the system to control access to memories, peripherals and other resources. Listed here are the main features of the SPU: • ARM TrustZone support, allowing definition of secure, non-secure and non-secure callable memory regions • Extended ARMTrustZone, protecting memory regions and peripherals from non-CPU devices like EasyDMA transfer • Pin access protection, preventing non-secure code and peripherals from accessing secure pin resources • DPPI access protection, realized by preventing non-secure code and peripherals to publish from or subscribe to secured DPPI channels • External domain access protection, controlling access rights from other MCUs 6.15.1 General concepts SPU provides a register interface to control the various internal logic blocks that monitor access to memory-mapped slave devices (RAM, flash, peripherals, etc) and other resources (device pins, DPPI channels, etc). For memory-mapped devices like RAM, flash and peripherals, the internal logic checks the address and attributes (e.g. read, write, execute, secure) of the incoming transfer to block it if necessary. Whether a secure resource can be accessed by a given master is defined: For a CPU-type master By the security state of the CPU and the security state reported by the SPU, for the address in the bus transfer For a non-CPU master By the security attribute of the master that initiates the transfer, defined by a SPU register The Simplified view of the protection of RAM, flash and peripherals using SPU on page 259 shows a simplified view of the SPU registers controlling several internal modules. RAM Blocks RAM Blocks Cortex-M33 TrustZone-M aware CPU Implementation defined attribution unit (IDAU) Other bus masters Bus interconnect Secure control logic Peripherals RAM blocks Flash SPU configuration registers Secure control logic Internal system logic Figure 80: Simplified view of the protection of RAM, flash and peripherals using SPU The protection logic implements a read-as-zero/write-ignore (RAZ/WI) policy: 4418_1315 v2.0 259 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |