| Electronic Components Datasheet Search |
|
NRF9160-SIBA-R7 Datasheet(PDF) 262 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SIBA-R7 Datasheet(HTML) 262 Page - Nordic Semiconductor |
|
262 / 400 page ![]() Peripherals FLASHREGION[0].PERM FLASHNSC[0].REGION == n Access control FLASHREGION[n].PERM SPU registers Region #n (secure) NSC subregion 0 FLASHNSC[0].SIZE == m m !=0 Region size Flash address space Region #n-1 Region #n+1 2(m+4) bytes Figure 82: Non-secure callable region definition in the flash memory space The NSC sub-region will only be defined if: • FLASHNSC[i].SIZE value is non zero • FLASHNSC[i].REGION defines a secure region If FLASHNSC[i].REGION and FLASHNSC[j].REGION have the same value, there is only one sub-region defined as NSC, with the size given by the maximum of FLASHNSC[i].SIZE and FLASHNSC[j].SIZE. If FLASHNSC[i].REGION defines a non-secure region, then there is no non-secure callable region defined and the selected region stays non-secure. 6.15.2.2 Flash access error reporting The SPU and the logic controlled by it will respond with a certain behavior once an access violation is detected. The following will happen once the logic controlled by the SPU detects an access violation on one of the flash ports: • The faulty transfer will be blocked • In case of a read transfer, the bus will be driven to zero • Feedback will be sent to the master through specific bus error signals, if this is supported by the master. Moreover, the SPU will receive an event that can optionally trigger an interrupt towards the CPU. • SecureFault exception will be triggered if security violation is detected for access from Cortex-M33 • BusFault exception will be triggered when read/write/execute protection violation is detected for Cortex-M33 • FLASHACCERR event will be triggered if any access violations are detected for all master types except for Cortex-M33 security violation The following table summarizes the SPU behavior based on the type of initiator and access violation: 4418_1315 v2.0 262 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |