Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 361 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 361 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 357Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 358Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 359Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 360Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 361Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 362Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 363Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 364Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 365Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 400 page
background image
LTE modem
Note: For details regarding the modem API, please refer to nRF Connect SDK document and nRF91
AT Commands, Command Reference Guide document.
Key features of the LTE modem are:
• Complete modem with baseband and RF transceiver
• 3GPP release 13 compliant LTE categories:
• Cat-M1 (eMTC - enhanced machine type communication)
• Cat-NB1 (NB-IoT - narrowband internet of things (IoT))
• 3GPP release 14 compliant LTE categories:
• Cat-NB1 (NB-IoT)
• Cat-NB2 (NB-IoT)
• Power saving modes
• Supporting LTE bands from 700 MHz to 2.2 GHz through a single typical 50 Ω antenna pin.
• ANT antenna pin is DC grounded
• RX sensitivity: -108 dBm for Cat-M1 and -114 dBm for Cat-NB1 and Cat-NB2
• As defined in 3GPP conformance test specification TS 36.521-1
• 1.8 V MIPI RFFE (RF front-end) digital control interface and MAGPIO control interface for external RF
applications.
• An LTE modem internal ADC that is also used for some AT command interface services e.g. for battery
monitoring.
• 1.8 V UICC (universal integrated circuit card) interface, based on ISO/IEC 7816-3 and compliant with:
• ICC (ETSI TS 102 221)
• eUICC (ETSI TS 103 383)
Note: nRF9160 is able to run different modem FW builds that define the final modem feature set
in a specific nRF9160 based application.
Note: For details regarding the services provided by modem AT command interface, please refer to
nRF Connect SDK document and nRF91 AT Commands, Command Reference Guide document.
7.2 SIM card interface
LTE modem supports the UICC (universal integrated circuit card) interface.
Only the UICCs with the electrical interface specified in ISO/IEC 7816-3 are supported, meaning that the
UICCs with IC-USB, CLF or MMC interfaces are not supported.
The supported UICC/eUICC interface is compliant with:
• ETSI TS 102 221: Smart Cards; UICC-Terminal interface; Physical and logical characteristics
• ETSI TS 103 383: Smart Cards; Embedded UICC; Requirements Specification
The physical interface towards the eUICC is the same as towards the removable UICC.
Only the class C (supply voltage 1.8 V nominal) operation is supported. Support for the legacy class B
(supply voltage 3.0 V nominal) operation must be built with external components, including the external
power supply and the level shifters towards the LTE modem UICC interface.
LTE modem supports powering down the UICC during PSM and eDRX idle mode, when the UICC supports
this feature as specified in 3GPP TS 24.301. To reach the lowest total power consumption of the complete
4418_1315 v2.0
361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com