Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 365 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 365 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 361Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 362Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 363Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 364Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 365Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 366Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 367Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 368Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 369Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 400 page
background image
LTE modem
Symbol
Description
Min.
Typ.
Max.
Units
Supported LTE
Supported LTE standards
LTE
Rel-13
Cat-M1
HD-FDD
Bands supported
Bands supported
B1, B2,
B3, B4,
B5, B8,
B12,
B13,
B14,
B17,
B18,
B19,
B20,
B25,
B26,
B28, B66
Transmission
bandwidth
Maximum bandwidth
1.4
MHz
7.7.2 Key RF parameters for Cat-NB1 and Cat-NB2
Note: For certification status, please refer to Regulatory information on page 398.
Note: There is no foreseen NB-IoT network deployment for FCC bands closer than 200 kHz from
band edge, hence our device will not transmit in FCC bands on channels that are closer than
200kHz to band edge.
Symbol
Description
Min.
Typ.
Max.
Units
Supported LTE
Supported LTE standards
LTE
Rel-13
Cat-
NB1 HD-
FDD, LTE
Rel-14
Cat-NB1
and Cat-
NB2 HD-
FDD
Bands supported
Bands supported
B1, B2,
B3, B4,
B5, B8,
B12,
B13,
B17,
B19,
B20,
B25,
B26,
B28, B66
Transmission
bandwidth
Maximum bandwidth
200
kHz
4418_1315 v2.0
365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com